Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7866 Datasheet (PDF) - Texas Instruments

ADS7866 Datasheet PDF - Texas Instruments
Part # ADS7866
Download  ADS7866 Download
File Size   1196.45 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7886 12-Bit, 1-MSPS, Micro-Power, Miniature SAR Analog-to-Digital Converters

ADS7866 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7866 Datasheet PDF - Texas Instruments

Part # ADS7866
Download  ADS7866 Click to download

File Size   1196.45 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7886 12-Bit, 1-MSPS, Micro-Power, Miniature SAR Analog-to-Digital Converters

ADS7866 Datasheet (HTML) - Texas Instruments


ADS7866 Product details

1 Features
1• 1-MHz Sample Rate Serial Device
• 12-Bit Resolution
• Zero Latency
• 20-MHz Serial Interface
• Supply Range: 2.35 V to 5.25 V
• Typical Power Dissipation at 1 MSPS:
– 3.9 mW at 3-V VDD
– 7.5 mW at 5-V VDD
• INL ±1.25 LSB Maximum, ±0.65 LSB (Typical)
• DNL ±1 LSB Maximum, +0.4 / –0.65 LSB (Typical)
• Typical AC Performance:
72.25-dB SINAD, –84-dB THD
• Unipolar Input Range: 0 V to VDD
• Power Down Current: 1 μA
• Wide Input Bandwidth: 15 MHz at 3 dB
• 6-Pin SOT-23 and SC70 Packages

2 Applications
• Base Band Converters in Radio
Communication
• Motor Current and Bus Voltage Sensors in Digital
Drives
• Optical Networking (DWDM, MEMS Based
Switching)
• Optical Sensors
• Battery-Powered Systems
• Medical Instrumentations
• High-Speed Data Acquisition Systems
• High-Speed Closed-Loop Systems

3 Description
The ADS7886 is a 12-bit, 1-MSPS analog-to-digital
converter (ADC). The device includes a capacitor
based SAR A/D converter with inherent sample and
hold. The serial interface in each device is controlled
by the CS and SCLK signals for glueless connections
with microprocessors and DSPs. The input signal is
sampled with the falling edge of CS, and SCLK is
used for conversion and serial data output.
The device operates from a wide supply range from
2.35 V to 5.25 V. The low power consumption of the
device makes it suitable for battery-powered
applications. The device also includes a power down
feature for power saving at lower conversion speeds.
The high level of the digital input to the device is not
limited to device VDD. This means the digital input can
go as high as 5.25 V when device supply is 2.35 V.
This feature is useful when digital signals are coming
from other circuit with different supply levels. Also this
relaxes restriction on power-up sequencing.
The ADS7886 is available in 6-pin SOT-23 and SC70
packages and is specified for operation from –40°C to
125°C.




Similar Part No. - ADS7866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
541Kb / 24P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7866 BURR-BROWN-ADS7866 Datasheet
843Kb / 22P
10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7866 TI1-ADS7866 Datasheet
1Mb / 29P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866 TI2-ADS7866 Datasheet
751Kb / 29P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
JUNE 2005
More results


Similar Description - ADS7866

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com