Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9971 Datasheet (PDF) - Analog Devices

AD9971 Datasheet PDF - Analog Devices
Part # AD9971
Download  AD9971 Download
File Size   67.93 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit CCD Signal Processor with Precision Timing

AD9971 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9971 Datasheet PDF - Analog Devices

Part # AD9971
Download  AD9971 Click to download

File Size   67.93 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit CCD Signal Processor with Precision Timing

AD9971 Datasheet (HTML) - Analog Devices


AD9971 Product details

GENERAL DESCRIPTION

The AD9971 is a highly integrated CCD signal processor for high speed digital video camera applications. Specified at pixel rates of up to 50 MHz, the AD9971 consists of a complete analog front end with analog-to-digital conversion combined with a programmable timing driver. The Precision Timing™ core allows adjustment of high speed clocks with 310 ps resolution at 50 MHz operation. The AD9971 also contains a reduced range LVDS interface for the data outputs.



FEATURES

  1.8 V analog and digital core supply voltage

  Serial data link with reduced range LVDS outputs

  Correlated double sampler (CDS) with −3 dB, 0 dB, +3 dB, and +6 dB gain

  6 dB to 42 dB, 10-bit variable gain amplifier (VGA)

  12-bit, 50 MHz ADC

  Black level clamp with variable level control

  Complete on-chip timing generator

  Precision Timing core with 310 ps resolution @ 50 MHz

  On-chip, 3 V horizontal and RG drivers

  6 mm × 6 mm, 40-lead LFCSP_VQ



APPLICATIONS

  Digital video camcorders

  Professional/high end digital cameras

  Broadcast cameras

  Industrial high speed cameras

  High speed data acquisition systems



 




Similar Part No. - AD9971

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
More results


Similar Description - AD9971

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9994 AD-AD9994 Datasheet
63Kb / 2P
12-Bit CCD Signal Processor with Precision Timing Generator
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9949 AD-AD9949 Datasheet
713Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
11/04-Data Sheet Changed from Rev. A to Rev. B
AD9995 AD-AD9995 Datasheet
1Mb / 60P
12-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9992 AD-AD9992_07 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com