Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9949 Datasheet (PDF) - Analog Devices

AD9949 Datasheet PDF - Analog Devices
Part # AD9949
Download  AD9949 Download
File Size   713.38 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit CCD Signal Processor with Precision Timing Core

AD9949 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9949 Datasheet PDF - Analog Devices

Part # AD9949
Download  AD9949 Click to download

File Size   713.38 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit CCD Signal Processor with Precision Timing Core

AD9949 Datasheet (HTML) - Analog Devices


AD9949 Product details

GENERAL DESCRIPTION
The AD9949 is a highly integrated CCD signal processor for digital still camera applications. Specified at pixel rates of up to 36 MHz, the AD9949 consists of a complete analog front end with A/D conversion, combined with a programmable timing driver. The Precision Timing core allows adjustment of high speed clocks with < 600 ps resolution.

FEATURES
   New AD9949A supports CCD line length > 4096 pixels
   Correlated double sampler (CDS)
   0 dB to 18 dB pixel gain amplifier (PxGA®)
   6 dB to 42 dB 10-bit variable gain amplifier (VGA)
   12-bit, 36 MSPS analog-to-digital converter (ADC)
   Black level clamp with variable level control
   Complete on-chip timing driver
   Precision Timing™ core with < 600 ps resolution
   On-chip 3 V horizontal and RG drivers
   40-lead LFCSP package

APPLICATIONS
   Digital still cameras
   High speed digital imaging applications




Similar Part No. - AD9949

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results


Similar Description - AD9949

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9979 AD-AD9979 Datasheet
62Kb / 2P
14-Bit, CCD Signal Processor with Precision Timing Core
AD9948 AD-AD9948 Datasheet
522Kb / 28P
10-Bit CCD Signal Processor with Precision Timing??Core
REV.0
AD9971 AD-AD9971 Datasheet
67Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9992 AD-AD9992 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com