Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9949 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9949 Datasheet HTML 5Page - Analog Devices AD9949 Datasheet HTML 6Page - Analog Devices AD9949 Datasheet HTML 7Page - Analog Devices AD9949 Datasheet HTML 8Page - Analog Devices AD9949 Datasheet HTML 9Page - Analog Devices AD9949 Datasheet HTML 10Page - Analog Devices AD9949 Datasheet HTML 11Page - Analog Devices AD9949 Datasheet HTML 12Page - Analog Devices AD9949 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9949
Rev. B | Page 9 of 36
EQUIVALENT INPUT/OUTPUT CIRCUITS
R
AVDD
AVSS
AVSS
Figure 3. CCDIN (Pin 27)
AVDD
AVSS
330
Ω
CLI
25k
Ω
1.4V
+
Figure 4. CLI (Pin 25)
DVSS
DRVDD
DVSS
DRVSS
DATA
THREE-STATE
DOUT
Figure 5. Data Outputs D0 to D11 (Pins 1 to 4, 7 to 13, 40)
DVDD
DVSS
330
Ω
Figure 6. Digital Inputs (Pins 31 to 35, 38)
HVDD OR RGVDD
HVSS OR RGVSS
DATA
ENABLE
DOUT
Figure 7. H1 to H4 and RG (Pins 14 to 15, 18 to 19, 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com