Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC573 Datasheet (PDF) - STMicroelectronics

74AC573 Datasheet PDF - STMicroelectronics
Part # 74AC573
Download  74AC573 Download
File Size   248.26 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING

74AC573 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC573 Datasheet PDF - STMicroelectronics

Part # 74AC573
Download  74AC573 Click to download

File Size   248.26 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING

74AC573 Datasheet (HTML) - STMicroelectronics


74AC573 Product details

DESCRIPTION
The 74AC573 is an advanced high-speed CMOS OCTAL D-TYPE LATCH with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.

■ HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 573
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74AC573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC573 FAIRCHILD-74AC573 Datasheet
88Kb / 10P
Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573 Datasheet
275Kb / 13P
Octal Latch with 3-STATE Outputs
logo
Silicon Supplies
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS
Rev 1.0 19/3/2021
logo
Fairchild Semiconductor
74AC573MTC FAIRCHILD-74AC573MTC Datasheet
88Kb / 10P
Octal Latch with 3-STATE Outputs
More results


Similar Description - 74AC573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT373 STMICROELECTRONICS-74ACT373 Datasheet
90Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Nov-1999
74VHCT573A STMICROELECTRONICS-74VHCT573A Datasheet
74Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT373 STMICROELECTRONICS-M74HCT373 Datasheet
230Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Aug-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com