Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC573 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC573
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC573 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC573 Datasheet HTML 1Page - STMicroelectronics 74AC573 Datasheet HTML 2Page - STMicroelectronics 74AC573 Datasheet HTML 3Page - STMicroelectronics 74AC573 Datasheet HTML 4Page - STMicroelectronics 74AC573 Datasheet HTML 5Page - STMicroelectronics 74AC573 Datasheet HTML 6Page - STMicroelectronics 74AC573 Datasheet HTML 7Page - STMicroelectronics 74AC573 Datasheet HTML 8Page - STMicroelectronics 74AC573 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2001
s
HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 573
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC573 is an advanced high-speed CMOS
OCTAL D-TYPE LATCH with 3 STATE OUTPUTS
NON INVERTING fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology.
These 8 bit D-Type latch are controlled by a latch
enable input (LE) and an output enable input (OE).
While the LE inputs is held at a high level, the Q
outputs will follow the data input precisely.
When the LE is taken low, the Q outputs will be
latched at the logic level of D input data. While the
(OE) input is low, the 8 outputs will be in a normal
logic state (high or low logic level); while OE is in
high level, the outputs will be in a high impedance
state.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC573
OCTAL D-TYPE LATCH
WITH 3 STATE OUTPUTS (NON INVERTED)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC573B
SOP
74AC573M
74AC573MTR
TSSOP
74AC573TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC573 FAIRCHILD-74AC573 Datasheet
88Kb / 10P
Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573 Datasheet
275Kb / 13P
Octal Latch with 3-STATE Outputs
logo
Silicon Supplies
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS
Rev 1.0 19/3/2021
logo
Fairchild Semiconductor
74AC573MTC FAIRCHILD-74AC573MTC Datasheet
88Kb / 10P
Octal Latch with 3-STATE Outputs
More results

Similar Description - 74AC573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT373 STMICROELECTRONICS-74ACT373 Datasheet
90Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Nov-1999
74VHCT573A STMICROELECTRONICS-74VHCT573A Datasheet
74Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT373 STMICROELECTRONICS-M74HCT373 Datasheet
230Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com