Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2907A Datasheet (PDF) - ON Semiconductor

2907A Datasheet PDF - ON Semiconductor
Part # 2907A
Download  2907A Download
File Size   691.66 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60 V PNP General-Purpose Transistor

2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
2907A Datasheet PDF - ON Semiconductor

Part # 2907A
Download  2907A Click to download

File Size   691.66 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60 V PNP General-Purpose Transistor

2907A Datasheet (HTML) - ON Semiconductor


2907A Product details

Features
• High DC Current Gain (hFE) Range: 100 ~ 300
• High-Current Gain Bandwidth Product (fT):
200 MHz (Minimum)
• Maximum Turn-On Time (ton): 45 ns
• Maximum Turn-Off Time (toff): 100 ns
• Ultra-Small Surface-Mount Package: SOT-223 (PZT2907A)

Description
The PN2907A, MMBT2907A, and PZT2907A are 60 V
PNP bipolar transistors designed for use as a generalpurpose amplifier or switch in applications that require
up to 500 mA. Offered in an ultra-small surface-mount
package (SOT-223), the PZT2907A is ideal for spaceconstrained systems. The NPN complementary types
are the PN2222A, MMBT2222A, and PZT2222A;
respectively

Applications
• General-Purpose Amplifier
• Switch




Similar Part No. - 2907A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2907A ONSEMI-2907A Datasheet
103Kb / 4P
PNP General-Purpose Transistor
August, 2022 - Rev. 4
More results


Similar Description - 2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
BC856S NXP-BC856S Datasheet
94Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
logo
Fairchild Semiconductor
PN2907ATF FAIRCHILD-PN2907ATF Datasheet
685Kb / 11P
PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor
logo
Nexperia B.V. All right...
BC856BMB NEXPERIA-BC856BMB Datasheet
664Kb / 12P
60 V, 100 mA PNP general-purpose transistor
BC856BM NEXPERIA-BC856BM Datasheet
664Kb / 12P
60 V, 100 mA PNP general-purpose transistor
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
logo
Central Semiconductor C...
CP591X-2N2905A CENTRAL-CP591X-2N2905A Datasheet
557Kb / 4P
PNP - General Purpose Transistor Die 0.6 Amp, 60 Volt
R1 25-April 2017
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com