Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1540 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1540 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1540
Download  TS1540 Download
File Size   216.41 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Low Dropout Voltage Regulator with Low Quiescent Current

TS1540 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1540 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1540
Download  TS1540 Click to download

File Size   216.41 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Low Dropout Voltage Regulator with Low Quiescent Current

TS1540 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1540 Product details

General Description
TS1540 of high current LDOs has been developed for portable application where low quiescent current is an important requirement. The device features excellent line and load transient response which does not exceed 10% of nominal output value for full operating temperature range even during power ON cycle and short circuit removal. Internally trimmed, temperature compensated bandgap reference guarantees 2.5% accuracy for full range of input voltage, output current and temperature. Included on the chip are accurate current limit and thermal shutdown protection. Device stability is achieved with only two external low ESR ceramic capacitors.

Features
● Very Low Ground Current (IGND = 1mA)
● Excellent Line Regulation
● Excellent Load Regulation
● Very Low transient Overshoot
● Stable with low ESR output Capacitor (ESR = 0mΩ)
● Thermal Shutdown
● Current Limit

Application
● Disk Drive Circuits
● Desktop Computers
● Laptop, Notebook Computers




Similar Part No. - TS1540

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1540CPXXRO TSC-TS1540CPXXRO Datasheet
67Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
TS1540 TSC-TS1540_08 Datasheet
67Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
More results


Similar Description - TS1540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
1A Output Current Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1540 TSC-TS1540_08 Datasheet
67Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110 Datasheet
964Kb / 27P
1A Low Dropout, Low Quiescent Current
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110_16 Datasheet
1Mb / 30P
1A Low Dropout, Low Quiescent Current High PSRR CMOS Linear Regulator
logo
Semtech Corporation
SC1118 SEMTECH-SC1118 Datasheet
192Kb / 6P
1A (Sink & Source) Low Dropout, Low Quiescent Current Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com