Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE85XX Datasheet (PDF) - Seaward Electronics Inc.

SE85XX Datasheet PDF - Seaward Electronics Inc.
Part # SE85XX
Download  SE85XX Download
File Size   813.56 Kbytes
Page   8 Pages
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.
Description 40V/2.6μA/200mA,Ultra-Low-Iq, LowDropout LDO

SE85XX Datasheet (PDF)

Go To PDF Page Download Datasheet
SE85XX Datasheet PDF - Seaward Electronics Inc.

Part # SE85XX
Download  SE85XX Click to download

File Size   813.56 Kbytes
Page   8 Pages
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.
Description 40V/2.6μA/200mA,Ultra-Low-Iq, LowDropout LDO

SE85XX Datasheet (HTML) - Seaward Electronics Inc.


SE85XX Product details

General Description
SE85XX series is designed for power-sensitive
applications. It includes a precision and high
voltage input stage, an ultra-low-power bias current
branch, and results in a ultra-low-power and
low-dropout linear regulator. The SE85XX operates from an input voltage of
VOUT+1V to 35V, consumes only 2.6μA of quiescent
current, and offers 1% initial accuracy and low dropout
voltage, 300mV typical at 100mA. SE85XX has 1.8V,2.5V,3.0V,3.3V,3.6V,
4.0V,4.2V,5.0V fixed voltage versions. Other features include short-circuit protection
and thermal shutdown.

Features
 Ultra Low Quiescent Current: 2.6μA(Typ.)
 Wide Operating Voltage: VOUT+1Vto35V High output current: ≥200mA
 System startup with no overshoot
 Short circuit protection is designedwithnoovershoot
 UVLO 1.8V
 Low Dropout Voltage
 High Accuracy Output Voltage: ±1% Excellent power / load transient response Low temperature coefficient: ±100ppm/℃ Thermal and Short-Circuit Protection SOT-89 and SOT-23 package
 Customer Pin Assignments are available

Applications
 Battery-powered Smoke sensor
 Smoke sensor
 Microcontrollers
 Household appliances and instruments




Similar Part No. - SE85XX

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE85XX SEAWARD-SE85XX Datasheet
327Kb / 6P
35V/2.6關A/200mA竊똗ltra-Low-Iq, Low Dropout LDO
logo
TECH PUBLIC Electronics...
SE85XX TECHPUBLIC-SE85XX Datasheet
2Mb / 5P
Ultra-Low-lq, Low Dropout LDO
logo
Seaward Electronics Inc...
SE85XX-LF SEAWARD-SE85XX-LF Datasheet
327Kb / 6P
35V/2.6關A/200mA竊똗ltra-Low-Iq, Low Dropout LDO
More results


Similar Description - SE85XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
ON Semiconductor
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
logo
Texas Instruments
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
logo
E-CMOS Corporation
EC85XX E-CMOS-EC85XX Datasheet
220Kb / 6P
35V/2.6uA/200mA, Ultra-Low-Iq, Low Dropout LDO
logo
Texas Instruments
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
250-mA, Ultra-Low-Noise, Low-IQ LDO
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RTQ2511-QA RICHTEK-RTQ2511-QA Datasheet
874Kb / 11P
14V, 2A IQ, 200mA LDO Regulator
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com