Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9178 Datasheet (PDF) - Richtek Technology Corporation

RT9178 Datasheet PDF - Richtek Technology Corporation
Part # RT9178
Download  RT9178 Download
File Size   180.84 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator

RT9178 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9178 Datasheet PDF - Richtek Technology Corporation

Part # RT9178
Download  RT9178 Click to download

File Size   180.84 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator

RT9178 Datasheet (HTML) - Richtek Technology Corporation


RT9178 Product details

General Description

The RT9178 is designed for portable RF and wireless applications with demanding performance and space requirements.

The RT9178’ s performance is optimized for battery powered systems to deliver ultra low noise and low quiescent current. A noise bypass pin is also available for further reduction of output noise. Regulator ground current increases only slightly in dropout, further prolonging the battery life. The RT9178 also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in hand-held wireless devices.

The RT9178 consumes less than 0.01uA in shutdown mode and has fast turn-on time less than 100us. The other features include ultra low dropout voltage, high output accuracy, current limiting protection, and high ripple rejection ratio. Available in the SOT-23-5 package.



Features

• Ultra-Low-Noise for RF Application

• Ultra-Fast Response in Line/Load Transient

• Quick Start-Up (Typically 100us)

• < 0.01uA Quiescent Current When Shutdown

• Low Dropout : 200mV at 200mA

• Wide Operating Voltage Ranges : 2.5V to 6.0V

• TTL-Logic-Controlled Shutdown Input

• Low Temperature Coefficient

• Current Limiting Protection

• Thermal Shutdown Protection

• Only 1uF Output Capacitor Required for Stability

• High Power Supply Rejection Ratio

• Custom Voltage Available

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• CDMA/GSM Cellular Handsets

• Battery-Powered Equipment

• Laptop, Palmtops, Notebook Computers

• Hand-Held Instruments

• PCMCIA Cards

• Portable Information Appliances



 




Similar Part No. - RT9178

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24GB RICHTEK-RT9178-24GB Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24GBR RICHTEK-RT9178-24GBR Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24PB RICHTEK-RT9178-24PB Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24PBR RICHTEK-RT9178-24PBR Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Similar Description - RT9178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com