Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9178 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9178
Description  200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9178 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9178 Datasheet HTML 1Page - Richtek Technology Corporation RT9178 Datasheet HTML 2Page - Richtek Technology Corporation RT9178 Datasheet HTML 3Page - Richtek Technology Corporation RT9178 Datasheet HTML 4Page - Richtek Technology Corporation RT9178 Datasheet HTML 5Page - Richtek Technology Corporation RT9178 Datasheet HTML 6Page - Richtek Technology Corporation RT9178 Datasheet HTML 7Page - Richtek Technology Corporation RT9178 Datasheet HTML 8Page - Richtek Technology Corporation RT9178 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9178
1
DS9178-15 March 2007
www.richtek.com
Pin Configurations
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
General Description
The RT9178 is designed for portable RF and wireless
applications with demanding performance and space
requirements.
The RT9178’ s performance is optimized for battery-
powered systems to deliver ultra low noise and low
quiescent current. A noise bypass pin is also available for
further reduction of output noise. Regulator ground current
increases only slightly in dropout, further prolonging the
battery life. The RT9178 also works with low-ESR ceramic
capacitors, reducing the amount of board space necessary
for power applications, critical in hand-held wireless
devices.
The RT9178 consumes less than 0.01
μAin shutdown mode
and has fast turn-on time less than 100
μs. The other
features include ultra low dropout voltage, high output
accuracy, current limiting protection, and high ripple
rejection ratio. Available in the SOT-23-5 package.
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
Ordering Information
(TOP VIEW)
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Features
Ultra-Low-Noise for RF Application
Ultra-Fast Response in Line/Load Transient
Quick Start-Up (Typically 100
μμμμμs)
< 0.01
μμμμμA Quiescent Current When Shutdown
Low Dropout : 200mV at 200mA
Wide Operating Voltage Ranges : 2.5V to 6.0V
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
Current Limiting Protection
Thermal Shutdown Protection
Only 1
μμμμμF Output Capacitor Required for Stability
High Power Supply Rejection Ratio
Custom Voltage Available
RoHS Compliant and 100% Lead (Pb)-Free
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
SOT-23-5
VOUT
GND
EN
BP
VIN
R-Type
2
3
5
4
1
SOT-23-5
VIN
GND
BP
EN
VOUT
2
3
5
4
1
RT9178-
Package Type
B : SOT-23-5
BR : SOT-23-5 (R-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
24 : 2.4V
25 : 2.5V
:
31 : 3.1V
32 : 3.2V
2H : 2.85V


Similar Part No. - RT9178

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24GB RICHTEK-RT9178-24GB Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24GBR RICHTEK-RT9178-24GBR Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24PB RICHTEK-RT9178-24PB Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178-24PBR RICHTEK-RT9178-24PBR Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com