Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9178 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9178
Description  200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9178 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9178 Datasheet HTML 1Page - Richtek Technology Corporation RT9178 Datasheet HTML 2Page - Richtek Technology Corporation RT9178 Datasheet HTML 3Page - Richtek Technology Corporation RT9178 Datasheet HTML 4Page - Richtek Technology Corporation RT9178 Datasheet HTML 5Page - Richtek Technology Corporation RT9178 Datasheet HTML 6Page - Richtek Technology Corporation RT9178 Datasheet HTML 7Page - Richtek Technology Corporation RT9178 Datasheet HTML 8Page - Richtek Technology Corporation RT9178 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9178
2
DS9178-15 March 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Typical Application Circuit
Pin No.
RT9178-
CB
RT9178-
CBR
Pin Name
Pin Function
1
3
VIN
Power Input Voltage
5
1
VOUT
Output Voltage
2
2
GND
Ground
3
4
EN
Enable Input Logic, Active Low. If the Shutdown Feature is
not Required, Connect EN to VIN.
4
5
BP
Reference Noise Bypass
VIN
GND
VOUT
RT9178
C
OUT
2.2uF
C
IN
1uF
V
IN
V
OUT
EN
BP
C
BP
10nF
Chip Enable
Current-Limit
and
Thermal
Protection
MOS Driver
+
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
V
REF
BP
EN
GND
Quick
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com