Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9178 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9178
Description  200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9178 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9178 Datasheet HTML 1Page - Richtek Technology Corporation RT9178 Datasheet HTML 2Page - Richtek Technology Corporation RT9178 Datasheet HTML 3Page - Richtek Technology Corporation RT9178 Datasheet HTML 4Page - Richtek Technology Corporation RT9178 Datasheet HTML 5Page - Richtek Technology Corporation RT9178 Datasheet HTML 6Page - Richtek Technology Corporation RT9178 Datasheet HTML 7Page - Richtek Technology Corporation RT9178 Datasheet HTML 8Page - Richtek Technology Corporation RT9178 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9178
3
DS9178-15 March 2007
www.richtek.com
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------- 2.5V to 6V
Enable Input Voltage ------------------------------------------------------------------------------------------------- 0V to 6V
Junction Temperature Range ---------------------------------------------------------------------------------------
−40°C to 125°C
Electrical Characteristics
(VIN = VOUT + 1V, CIN =COUT = 1
μF, CBP = 1nF, TA = 25°C unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------- 7V
Enable Input Voltage ------------------------------------------------------------------------------------------------- 7V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 --------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 8)
SOT-23-5,
θJA ---------------------------------------------------------------------------------------------------------- 250°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------ 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------- 200V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
ΔVOUT IOUT = 1mA
−2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
--
400
--
mA
Quiescent Current
(Note 6)
IQ
VEN > 1.0V, IOUT = 0mA
--
90
150
μA
Dropout Voltage
(Note 4)
VDROP
IOUT = 200mA
--
200
300
mV
Line Regulation
ΔVLINE
VIN = (VOUT + 0.3V) to 6.0V,
IOUT = 1mA
--
--
6
mV/V
Load Regulation
(Note 5)
ΔVLOAD 1mA < IOUT < 200mA
--
7
20
mV
Standby Current
(Note 7)
ISTBY
VEN = GND, Shutdown
--
0.01
1
μA
EN Input Bias Current
IIBSD
VEN = GND or VIN
--
0
100
nA
Logic-Low Voltage VIL
VIN = 3V to 5.5V, Shutdown
--
--
0.4
EN Threshold
Logic-High Voltage VIH
VIN = 3V to 5.5V, Start-Up
1.0
--
--
V
Output Noise Voltage
eNO
10Hz to 100kHz, IOUT = 200mA
COUT = 10μF
--
50
--
μVRMS
f = 100Hz
--
−70
--
Power Supply
Rejection Rate
f = 10kHz
PSRR
COUT = 10μF, IOUT = 200mA
--
−40
--
dB
Thermal Shutdown Temperature
TSD
--
150
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com