Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2695MH/NOPB.B Datasheet (PDF) - Texas Instruments

LM2695MH/NOPB.B Datasheet PDF - Texas Instruments
Part # LM2695MH/NOPB.B
Download  LM2695MH/NOPB.B Download
File Size   710.63 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator

LM2695MH/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2695MH/NOPB.B Datasheet PDF - Texas Instruments

Part # LM2695MH/NOPB.B
Download  LM2695MH/NOPB.B Click to download

File Size   710.63 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator

LM2695MH/NOPB.B Datasheet (HTML) - Texas Instruments


LM2695MH/NOPB.B Product details

1FEATURES
2• Integrated 33V, N-Channel Buck Switch
• Integrated Start-Up Regulator
• Input Voltage Range: 8V to 30V
• No Loop Compensation Required
• Ultra-Fast Transient Response
• Operating Frequency Remains Constant with
Load Current and Input Voltage
• Maximum Duty Cycle Limited During Start-Up
• Adjustable Output Voltage
• Valley Current Limit At 1.25A
• Precision Internal Reference
• Low Bias Current
• Highly Efficient Operation
• Thermal Shutdown

TYPICAL APPLICATIONS
• High Efficiency Point-Of-Load (POL) Regulator
• Non-Isolated Telecommunication Buck
Regulator
• Secondary High Voltage Post Regulator

DESCRIPTION
The LM2695 Step Down Switching Regulator features
all of the functions needed to implement a low cost,
efficient, buck bias regulator capable of supplying
1.25A to the load. This buck regulator contains a 33V
N-Channel Buck Switch, and is available in the
thermally enhanced WSON-10 and HTSSOP-14 packages. The hysteretic regulation scheme requires
no loop compensation, results in fast load transient
response, and simplifies circuit implementation. The
operating frequency remains constant with line and
load variations due to the inverse relationship between the input voltage and the on-time. The
current limit detection is set at 1.25A. Additional
features include: VCC under-voltage lockout, thermal
shutdown, gate drive under-voltage lockout, and
maximum duty cycle limiter.

PACKAGE
• 10-Pin WSON (4 mm x 4 mm)
• 14-Pin HTSSOP
• Exposed Thermal Pad For Improved Heat
Dissipation




Similar Part No. - LM2695MH/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695MH/NOPB TI-LM2695MH/NOPB Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
More results


Similar Description - LM2695MH/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com