Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741 Datasheet (PDF) - Texas Instruments

LM741 Datasheet PDF - Texas Instruments
Part # LM741
Download  LM741 Download
File Size   765.76 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM741 Operational Amplifier

LM741 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM741 Datasheet PDF - Texas Instruments

Part # LM741
Download  LM741 Click to download

File Size   765.76 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM741 Operational Amplifier

LM741 Datasheet (HTML) - Texas Instruments


LM741 Product details

1 Features
1• Overload Protection on the Input and Output
• No Latch-Up When the Common-Mode Range is
Exceeded

2 Applications
• Comparators
• Multivibrators
• DC Amplifiers
• Summing Amplifiers
• Integrator or Differentiators
• Active Filters

3 Description
The LM741 series are general-purpose operational
amplifiers which feature improved performance over industry standards like the LM709. They are direct,
plug-in replacements for the 709C, LM201, MC1439,
and 748 in most applications.
The amplifiers offer many features which make their
application nearly foolproof: overload protection on
the input and output, no latch-up when the common•
mode range is exceeded, as well as freedom from
oscillations.
The LM741C is identical to the LM741 and LM741A
except that the LM741C has their performance
ensured over a 0°C to +70°C temperature range,
instead of −55°C to +125°C.




Similar Part No. - LM741

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741 NSC-LM741 Datasheet
213Kb / 8P
Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741 FAIRCHILD-LM741 Datasheet
114Kb / 10P
Single Operational Amplifier
logo
Intersil Corporation
LM741 INTERSIL-LM741 Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Fairchild Semiconductor
LM741 FAIRCHILD-LM741 Datasheet
183Kb / 10P
Single Operational Amplifier
logo
Seoul Semiconductor
LM741 SEOUL-LM741 Datasheet
376Kb / 14P
INFRARED LAMP LED
More results


Similar Description - LM741

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
Texas Instruments
U5B7741393 TI1-U5B7741393 Datasheet
365Kb / 11P
LM741 Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com