Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZL52C27 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSZL52C27 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSZL52C27
Download  TSZL52C27 Download
File Size   77.51 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW SMD Zener Diode

TSZL52C27 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSZL52C27 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSZL52C27
Download  TSZL52C27 Click to download

File Size   77.51 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW SMD Zener Diode

TSZL52C27 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSZL52C27 Product details

Features
◇ 200mW Power dissipation.
◇ High voltages from 2 ~ 39V
◇ Designed for mounting on small surface
◇ Extremely thin/leadless package
◇ Pb free product

Mechanical Data
◇ Cases: 1005 standard package,
   molded plastic
◇ Terminals: Gold plated, solderable per
◇ MIL-STD-750, method 2026,
◇ Polarity: Indicated by cathode band
◇ Weight: 0.006gram (approximately)




Similar Part No. - TSZL52C27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZL52C27 TSC-TSZL52C27 Datasheet
144Kb / 6P
SMD Zener Diode
More results


Similar Description - TSZL52C27

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
200mW, 5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
BZT52C2V0K TSC-BZT52C2V0K_14 Datasheet
219Kb / 6P
200mW, Surface Mount Zener SMD Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com