Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT10 Datasheet (PDF) - STMicroelectronics

74ACT10 Datasheet PDF - STMicroelectronics
Part # 74ACT10
Download  74ACT10 Download
File Size   67.36 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NAND GATE

74ACT10 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT10 Datasheet PDF - STMicroelectronics

Part # 74ACT10
Download  74ACT10 Click to download

File Size   67.36 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NAND GATE

74ACT10 Datasheet (HTML) - STMicroelectronics


74ACT10 Product details

DESCRIPTION
The 74ACT10 is an advanced high-speed CMOS TRIPLE 3-INPUT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.
The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output.
The device is designed to interface directly High Speed CMOS systems with TTL, NMOS and CMOS output voltage levels.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 4µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS
   VIH = 2V (MIN.), VIL = 0.8V (MAX.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC (OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 10
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74ACT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT109 ONSEMI-74ACT109 Datasheet
233Kb / 9P
Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
logo
Fairchild Semiconductor
74ACT109 FAIRCHILD-74ACT109 Datasheet
100Kb / 9P
Dual JK Positive Edge-Triggered Flip-Flop
74ACT109 FAIRCHILD-74ACT109 Datasheet
339Kb / 12P
Dual JK Positive Edge-Triggered Flip-Flop
74ACT109PC FAIRCHILD-74ACT109PC Datasheet
100Kb / 9P
Dual JK Positive Edge-Triggered Flip-Flop
74ACT109PC FAIRCHILD-74ACT109PC Datasheet
339Kb / 12P
Dual JK Positive Edge-Triggered Flip-Flop
More results


Similar Description - 74ACT10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com