Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT10
Description  TRIPLE 3-INPUT NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT10 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT10 Datasheet HTML 1Page - STMicroelectronics 74ACT10 Datasheet HTML 2Page - STMicroelectronics 74ACT10 Datasheet HTML 3Page - STMicroelectronics 74ACT10 Datasheet HTML 4Page - STMicroelectronics 74ACT10 Datasheet HTML 5Page - STMicroelectronics 74ACT10 Datasheet HTML 6Page - STMicroelectronics 74ACT10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74ACT10
TRIPLE 3-INPUT NAND GATE
PRELIMINARY DATA
May 1997
s
HIGH SPEED: tPD = 6.5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 10
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The ACT10 is an advanced high-speed CMOS
TRIPLE 3-INPUT NAND GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology. It is ideal for low
power
applications
mantaining
high
speed
operation similar to equivalent Bipolar Schottky
TTL.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74ACT10B
74ACT10M
M
(Micro Package)
B
(Plastic Package)
1/7


Similar Part No. - 74ACT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT109 ONSEMI-74ACT109 Datasheet
233Kb / 9P
Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
logo
Fairchild Semiconductor
74ACT109 FAIRCHILD-74ACT109 Datasheet
100Kb / 9P
Dual JK Positive Edge-Triggered Flip-Flop
74ACT109 FAIRCHILD-74ACT109 Datasheet
339Kb / 12P
Dual JK Positive Edge-Triggered Flip-Flop
74ACT109PC FAIRCHILD-74ACT109PC Datasheet
100Kb / 9P
Dual JK Positive Edge-Triggered Flip-Flop
74ACT109PC FAIRCHILD-74ACT109PC Datasheet
339Kb / 12P
Dual JK Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74ACT10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com