Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1611424 Datasheet (PDF) - SICK AG

1611424 Datasheet PDF - SICK AG
Part # 1611424
Download  1611424 Download
File Size   973.82 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description HF transponder, coin RFID transponder

1611424 Datasheet (PDF)

Go To PDF Page Download Datasheet
1611424 Datasheet PDF - SICK AG

Part # 1611424
Download  1611424 Click to download

File Size   973.82 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description HF transponder, coin RFID transponder

1611424 Datasheet (HTML) - SICK AG


1611424 Product details

Features
Type Hardtag
Frequency band HF (13.56 MHz)
Carrier frequency 13.56 MHz
RFID standard ISO/IEC 15693, ISO/IEC 18000-3 “Mode 1”
Read range
RFH505 2 cm
RFH510 3 cm
RFH515 4.5 cm
RFH620 6.5 cm
RFH630 11.5 cm
Special features High Temperature
IC type Texas Instruments Tag-it HF-I
Memory capacity (UII / user memory) 2048 Bit (64 x 4 Byte)
IC write cycle ≤ 100,000
IC data retention time < 10 years




Similar Part No. - 1611424

ManufacturerPart #DatasheetDescription
logo
SICK AG
1611424 SICK-1611424 Datasheet
1Mb / 9P
RFH5xx RFID
2024-05-15 16:42:20
More results


Similar Description - 1611424

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPC03-20CT PF-IPC03-20CT Datasheet
779Kb / 8P
RFID Transponder
IPC03-50P PF-IPC03-50P Datasheet
570Kb / 8P
RFID Transponder
IPC03-58 PF-IPC03-58 Datasheet
475Kb / 8P
RFID Transponder
IPC11-20 PF-IPC11-20 Datasheet
276Kb / 3P
RFID Transponder
IPC03-54-T8 PF-IPC03-54-T8 Datasheet
219Kb / 4P
RFID Transponder
IQC21-10 PF-IQC21-10 Datasheet
364Kb / 3P
RFID Transponder
IUC76-C8-T14-GBL PF-IUC76-C8-T14-GBL Datasheet
228Kb / 2P
RFID Transponder
IQC21-12.4 PF-IQC21-12.4 Datasheet
441Kb / 4P
RFID Transponder
IQC21-39-T1 PF-IQC21-39-T1 Datasheet
1Mb / 3P
RFID Transponder
IUC72-F152-M-FR2 PF-IUC72-F152-M-FR2 Datasheet
521Kb / 2P
RFID Transponder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com