Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1611424 Datasheet (PDF) - SICK AG

1611424 Datasheet PDF - SICK AG
Part # 1611424
Download  1611424 Download
File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

1611424 Datasheet (PDF)

Go To PDF Page Download Datasheet
1611424 Datasheet PDF - SICK AG

Part # 1611424
Download  1611424 Click to download

File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

1611424 Datasheet (HTML) - SICK AG


1611424 Product details

Features
Version Short Range
Product category RFID read/write device with integrated antenna
Radio approval European Union USA Canada Australia Korea México China India United Kingdom
Frequency band HF (13.56 MHz)
Carrier frequency 13.56 MHz
Output power 200 mW
RFID standard ISO/IEC 15693
Connection type IO-Link
Read range ≤ 60 mm
Antenna Integrated
Air interface data transmission rate 26 kbit/s




Similar Part No. - 1611424

ManufacturerPart #DatasheetDescription
logo
SICK AG
1611424 SICK-1611424 Datasheet
973Kb / 6P
HF transponder, coin RFID transponder
2024-05-15 16:42:20
More results


Similar Description - 1611424

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
2017-05-12
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
RFID
2017-05-12
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
RFID
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com