Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556 Datasheet (PDF) - Texas Instruments

LM3556 Datasheet PDF - Texas Instruments
Part # LM3556
Download  LM3556 Download
File Size   768.1 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source

LM3556 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3556 Datasheet PDF - Texas Instruments

Part # LM3556
Download  LM3556 Click to download

File Size   768.1 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source

LM3556 Datasheet (HTML) - Texas Instruments


LM3556 Product details

1 Features
1• Grounded Cathode LED Operation for Improved
Thermal Management
• 1.5-A High-Side Current Source for Single LED
• Accurate and Programmable LED Current from
46.9 mA to 1.5 A
• > 85% Efficiency in Torch Mode (at 100 mA) and
Flash Mode (at 1 A to 1.5 A)
• Small Solution Size: < 20 mm2
• LED Thermal Sensing and Current Scale-Back
• Soft-Start Operation for Battery Protection
• Hardware Enable Pin
• Hardware Torch Enable
• Hardware Strobe Enable
• Synchronization Input for RF Power Amplifier
Pulse Events
• VIN Flash Monitor Optimization
• 400-kHz I2C-Compatible Interface
• I2C-Compatible Programmable NTC Trip Point
• 0.4-mm Pitch, 16-Pin DSBGA Package

2 Applications
Camera Phone LED Flash

3 Description
The LM3556 is a 4-MHz fixed-frequency synchronous
boost converter plus 1.5-A constant current driver for
a high-current white LED. The high-side current
source allows for grounded cathode LED operation
providing flash current up to 1.5 A. An adaptive
regulation method ensures the current source
remains in regulation and maximizes efficiency.
The LM3556 is controlled via an I2C-compatible
interface. Features include: a hardware flash enable
(STROBE) allowing a logic input to trigger the flash pulse, a hardware torch enable (TORCH) for Movie
Mode or flashlight functions, a TX input which forces
the flash pulse into a low-current Torch Mode
allowing for synchronization to RF power amplifier
events or other high-current conditions, and an
integrated comparator designed to monitor an NTC
thermistor and provide an interrupt to the LED
current. With a fast 1-μs transition from 0 mA to
46.9 mA, the TORCH input pin can be used to
develop custom LED current waveforms.
The 4-MHz switching frequency, overvoltage
protection and adjustable current limit allow for the use of tiny, low-profile inductors and 10-μF ceramic
capacitors. The device is operates over a −40°C to
+85°C temperature range.




Similar Part No. - LM3556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TME TI1-LM3556TME Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TME/NOPB TI1-LM3556TME/NOPB Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
More results


Similar Description - LM3556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com