Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3556
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 6Page - Texas Instruments LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 20. Input Voltage Flash Monitor Stop and Hold Mode
Figure 21. Input Voltage Flash Monitor Down Mode With
With Default Settings
Default Settings
0-mV Hysteresis
1/2 Step Filter Time
Figure 22. Input Voltage Flash Monitor Up and Down Mode
Figure 23. Input Voltage Flash Monitor, Up and Down Mode
With Default Settings
256-µs Flash Ramp
1/2 Step Filter Time
0-mV Hysteresis
512-ms Filter Time
Figure 25. Input Voltage Flash Monitor, Up and Down Mode
Figure 24. Input Voltage Flash Monitor, Up and Down Mode
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com