Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3556
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 17Page - Texas Instruments LM3556 Datasheet HTML 18Page - Texas Instruments LM3556 Datasheet HTML 19Page - Texas Instruments LM3556 Datasheet HTML 20Page - Texas Instruments LM3556 Datasheet HTML 21Page - Texas Instruments LM3556 Datasheet HTML 22Page - Texas Instruments LM3556 Datasheet HTML 23Page - Texas Instruments LM3556 Datasheet HTML 24Page - Texas Instruments LM3556 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
VIN
VTRIP
Control
Logic
NTC Control Block
TEMP
INTC
NTC
+
-
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
7.6.1.3 NTC Settings Register (0x02)
Table 4. NTC Settings Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
NTC Event
NTC Trip Thresholds
NTC Bias Current Level
Level
000 = 200 mV
00 = 25 µA
0 = Go to
001 = 300 mV
01 = 50 µA
standby
010 = 400 mV
10 = 75 µA (default)
(default)
011 = 50 mV
11 = 100 µA
1 = Reduce
100 = 600 mV (default)
to minimum
101 = 700 mV
torch current
110 = 800 mV
111 = 900 mV
Figure 36. NTC Control Block
The TEMP node is connected to an NTC resistor as shown in Figure 36 above. A constant current source from
the input is connected to this node. Any change in the voltage because of a change in the resistance of the NTC
resistor is compared to a set VTRIP. The trip thresholds are selected by Bits[4:2] of the NTC Register. The output
of the Control Logic upon an NTC trip is selected through Bit[5].
7.6.1.4 Indicator Ramp Time Indicator (0x03)
Table 5. Indicator Ramp Time Indicator Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
Indicator Ramp-Up Time (tR)
Indicator Ramp-Down Time (tF)
000 = 16 ms (default)
000 = 16 ms (default)
001 = 32 ms
001 = 32 ms
010 = 64 ms
010 = 64 ms
011 = 128 ms
011 = 128 ms
100 = 256 ms
100 = 256 ms
101 = 512 ms
101 = 512 ms
110 = 1.024 s
110 = 1.024 s
111 = 2.048 s
111 = 2.048 s
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com