Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4952 Datasheet (PDF) - Texas Instruments

LM4952 Datasheet PDF - Texas Instruments
Part # LM4952
Download  LM4952 Download
File Size   769.7 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4952 Boomer™ Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control

LM4952 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4952 Datasheet PDF - Texas Instruments

Part # LM4952
Download  LM4952 Click to download

File Size   769.7 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4952 Boomer™ Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control

LM4952 Datasheet (HTML) - Texas Instruments


LM4952 Product details

1FEATURES
23• Pop & Click Circuitry Eliminates Noise During
Turn-on and Turn-off Transitions
• Low Current, Active-low Shutdown Mode
• Low Quiescent Current
• Stereo 3.8W Output, R L = 4Ω
• DC-controlled Volume Control
• Short Circuit Protection

APPLICATIONS
• Flat Panel Monitors
• Flat Panel TV's
• Computer Sound Cards

KEY SPECIFICATIONS
• Quiscent Power Supply Current 18mA (typ)
• P OUT @
VDD = 12V, RL = 4Ω, 10% THD+N 3.8W (typ)
• Shutdown current 55μA (typ)

DESCRIPTION
The LM4952 is a dual audio power amplifier primarily
designed for demanding applications in flat panel
monitors and TV's. It is capable of delivering 3.1
watts per channel to a 4Ω single-ended load with less
than 1% THD+N when powered by a 12VDC power
supply.
Eliminating external feedback resistors, an internal,
DC-controlled, volume control allows easy and
variable gain adjustment.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM4952 does not require bootstrap capacitors or
snubber circuits. Therefore, it is ideally suited for
display applications requiring high power and minimal
size.
The LM4952 features a low-power consumption
active-low shutdown mode. Additionally, the LM4952
features an internal thermal shutdown protection
mechanism along with short circuit protection.
The LM4952 contains advanced pop & click circuitry
that eliminates noises which would otherwise occur
during turn-on and turn-off transitions.




Similar Part No. - LM4952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
LM4952 TI-LM4952 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
National Semiconductor ...
LM4952TS NSC-LM4952TS Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
LM4952TS/NOPB TI-LM4952TS/NOPB Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952TSX/NOPB TI-LM4952TSX/NOPB Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results


Similar Description - LM4952

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
Stereo 1.5W Audio Power Amplifier with DC Volume Control
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Texas Instruments
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com