Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5008 Datasheet (PDF) - Texas Instruments

LM5008 Datasheet PDF - Texas Instruments
Part # LM5008
Download  LM5008 Download
File Size   766.04 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5008 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator

LM5008 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5008 Datasheet PDF - Texas Instruments

Part # LM5008
Download  LM5008 Click to download

File Size   766.04 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5008 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator

LM5008 Datasheet (HTML) - Texas Instruments


LM5008 Product details

1 Features
• Operating Input Voltage Range: 6 V to 95 V
• Integrated 100-V, N-Channel Buck Switch
• Internal VCC Regulator
• No Loop Compensation Required
• Ultra-Fast Transient Response
• On-Time Varies Inversely With Line Voltage
• Operating Frequency Remains Constant With
Varying Line Voltage and Load Current
• Adjustable Output Voltage
• Highly Efficient Operation
• Precision Internal Reference
• Low Bias Current
• Intelligent Current Limit Protection
• Thermal Shutdown
• 8-Pin VSSOP and WSON Packages
• Create a Custom Design Using the LM5008 With
the WEBENCH® Power Designer

2 Applications
• Non-Isolated Telecommunication Buck Regulators
• Secondary High-Voltage Post Regulators
• 48-V Automotive Systems

3 Description
The LM5008 350-mA step-down switching converter
features all of the functions needed to implement a
low-cost and efficient buck regulator. This highvoltage
converter has an integrated 100-V N-channel
buck switch and operates over an input voltage range
of 9 V to 95 V. The device is easy to implement and
is provided in the 8-pin VSSOP and the thermally
enhanced 8-pin WSON packages. The converter
uses a hysteretic control scheme with a PWM on-time
inversely proportional to VIN. This feature allows the
operating frequency to remain relatively constant. The
hysteretic control requires no loop compensation. An
intelligent current limit is implemented with forced offtime,
which is inversely proportional to VOUT. This
scheme ensures short-circuit protection while
providing minimum foldback. Other protection
features include: thermal shutdown, VCC undervoltage
lockout, gate drive undervoltage lockout, and
maximum duty cycle limiter.




Similar Part No. - LM5008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008 NSC-LM5008 Datasheet
278Kb / 15P
High Voltage (100V) Step Down Switching Regulator
LM5008 NSC-LM5008 Datasheet
389Kb / 16P
High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008 Datasheet
1Mb / 21P
High Voltage (100V) Step Down Switching Regulator
LM5008 TI1-LM5008 Datasheet
1Mb / 24P
Step-Down Switching Regulator
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
100V, 350 mA Constant On-Time Buck Switching Regulator
More results


Similar Description - LM5008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
100V, 350 mA Constant On-Time Buck Switching Regulator
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
100-V 150-mA Constant On-Time Buck Switching Regulator
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
80-V 600-mA Constant On-Time Buck Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com