Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5008 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM5008 Datasheet PDF - National Semiconductor (TI)
Part # LM5008
Download  LM5008 Download
File Size   389.12 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Voltage (100V) Step Down Switching Regulator

LM5008 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5008 Datasheet PDF - National Semiconductor (TI)

Part # LM5008
Download  LM5008 Click to download

File Size   389.12 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Voltage (100V) Step Down Switching Regulator

LM5008 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM5008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008 NSC-LM5008 Datasheet
278Kb / 15P
High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008 Datasheet
1Mb / 21P
High Voltage (100V) Step Down Switching Regulator
LM5008 TI1-LM5008 Datasheet
1Mb / 24P
Step-Down Switching Regulator
LM5008 TI2-LM5008 Datasheet
766Kb / 30P
LM5008 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
REVISED OCTOBER 2018
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
100V, 350 mA Constant On-Time Buck Switching Regulator
More results


Similar Description - LM5008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008 NSC-LM5008 Datasheet
278Kb / 15P
High Voltage (100V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
High Voltage 1A Step Down Switching Regulator
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
150 mA, 100V Step-Down Switching Regulator
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
High Voltage (80V) Step Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
150 mA, 100V Step-Down Switching Regulator
logo
Texas Instruments
LM5008EP TI1-LM5008EP Datasheet
384Kb / 16P
High Voltage (100V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
High Voltage (80V) Step Down Switching Regulator
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
High Voltage (100V) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
Step-down Voltage Switching Regulator
May, 2013
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com