Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM96000 Datasheet (PDF) - Texas Instruments

LM96000 Datasheet PDF - Texas Instruments
Part # LM96000
Download  LM96000 Download
File Size   738.76 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96000 Hardware Monitor with Integrated Fan Control

LM96000 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM96000 Datasheet PDF - Texas Instruments

Part # LM96000
Download  LM96000 Click to download

File Size   738.76 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96000 Hardware Monitor with Integrated Fan Control

LM96000 Datasheet (HTML) - Texas Instruments


LM96000 Product details

1FEATURES
2• 2-wire, SMBus 2.0 Compliant, Serial Digital
Interface
• 8-bit ΣΔ ADC
• Monitors VCCP, 2.5V, 3.3 VSBY, 5.0V, and 12V
Motherboard/processor Supplies
• Monitors 2 Remote Thermal Diodes
• Programmable Autonomous Fan Control
Based on Temperature Readings
• Noise Filtering of Temperature Reading for
Fan Control
• 1.0°C Digital Temperature Sensor Resolution
• 3 PWM Fan Speed Control Outputs
• Provides High and Low PWM Frequency
Ranges
• 4 Fan Tachometer Inputs
• Monitors 5 VID Control Lines
• 24-pin TSSOP Package
• XOR-tree Test Mode

APPLICATIONS
• Desktop PC
• Microprocessor based equipment
– (e.g. Base-stations, Routers, ATMs, Point of
Sales)

KEY SPECIFICATIONS
• Voltage Measurement Accuracy ±2% FS (max)
• Resolution 8-bits, 1°C
• Temperature Sensor Accuracy ±3°C (max)
• Temperature Range
– LM96000 Operational 0°C to +85°C
– Remote Temp Accuracy 0°C to +125°C
• Power Supply Voltage +3.0V to +3.6V
• Power Supply Current 0.53 mA

DESCRIPTION
The LM96000, hardware monitor, has a two wire
digital interface compatible with SMBus 2.0. Using an
8-bit ΣΔ ADC, the LM96000 measures:
• the temperature of two remote diode connected
transistors as well as its own die
• the VCCP, 2.5V, 3.3VSBY, 5.0V, and 12V
supplies (internal scaling resistors).
To set fan speed, the LM96000 has three PWM
outputs that are each controlled by one of three
temperature zones. High and low PWM frequency
ranges are supported. The LM96000 includes a
digital filter that can be invoked to smooth
temperature readings for better control of fan speed.
The LM96000 has four tachometer inputs to measure
fan speed. Limit and status registers for all measured
values are included.




Similar Part No. - LM96000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
logo
National Semiconductor ...
LM96000CIMT NSC-LM96000CIMT Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
logo
Texas Instruments
LM96000CIMT/NOPB TI1-LM96000CIMT/NOPB Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
logo
National Semiconductor ...
LM96000CIMTX NSC-LM96000CIMTX Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
More results


Similar Description - LM96000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
LM94 NSC-LM94 Datasheet
697Kb / 24P
TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com