Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet (PDF) - List of Unclassifed Manufacturers

ASC7621 Datasheet PDF - List of Unclassifed Manufacturers
Part # ASC7621
Download  ASC7621 Download
File Size   574.52 Kbytes
Page   50 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description HARDWARE MONITOR WITH INTEGRATED FAN CONTROL

ASC7621 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASC7621 Datasheet PDF - List of Unclassifed Manufacturers

Part # ASC7621
Download  ASC7621 Click to download

File Size   574.52 Kbytes
Page   50 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description HARDWARE MONITOR WITH INTEGRATED FAN CONTROL

ASC7621 Datasheet (HTML) - List of Unclassifed Manufacturers


ASC7621 Product details

[Andigilog, Inc.]



Product Description

The aSC7621 has a two wire digital interface compatible with SMBus 2.0. Using a 10-bit ΣΔ- ADC, the aSC7621 measures the temperature of two remote diode connected transistors as well as its own die. Support for Platform Environmental Control Interface (PECI) is included.

Using temperature information from these four zones, an automatic fan speed control algorithm is employed to minimize acoustic impact while achieving recommended CPU temperature under varying operational loads.

To set fan speed, the aSC7621 has three independent pulse width modulation (PWM) outputs that are controlled by one, or a combination of three, temperature zones. Both high- and low-frequency PWM ranges are supported.



Features

• Supports PECI interface and monitors internal and remote thermal diodes

• 2-wire, SMBus 2.0 compliant, serial interface

• 10-bit ΣΔ-ADC

• Monitors VCCP, 2.5V, 3.3V, 5.0V, and 12V motherboard/processor supplies

• Programmable autonomous fan control based on temperature readings

• Noise filtering of temperature reading for fan speed control

• 0.25°C digital temperature sensor resolution

• 3 PWM fan speed control outputs for 2-, 3- or 4- wire fans and up to 4 fan tachometer inputs

• Enhanced measured temperature to Temperature Zone assignment.

• Provides high and low PWM frequency ranges

• 3 GPIO pins for custom use

• 24-Lead QSOP package



Applications

• Desktop Computers – Motherboards and Graphics Cards

• Microprocessor based equipment (e.g. Base stations, Routers, ATMs, Point of Sales)



 




Similar Part No. - ASC7621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7611QS24 ETC2-ASC7611QS24 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
More results


Similar Description - ASC7621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
LM94 NSC-LM94 Datasheet
697Kb / 24P
TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
Hardware KBC with ACPI, Temp. and Fan Control
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com