Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ASC7621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
- 5 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
DC Electrical Characteristics
5
The following specifications apply for VDD = 3.0V to 3.6V, and all analog input source impedance Rs = 50Ω unless
otherwise specified in conditions. Boldface limits apply for TA = TJ over TMIN to TMAX; all other limits TA = TJ = 25°C. TA
is the ambient temperature of the aSC7621; TJ is the junction temperature of aSC7621; TD is the remote thermal diode
junction temperature. Specifications subject to change without notice
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY CHARACTERISTICS
Converting, Interface and Fans
Inactive, Peak Current
1.8
3.5
mA(max)
Supply Current
Converting, Interface and Fans
inactive, Average Current
0.5
mA
Power-On Reset Threshold
Voltage
1.6
2.8
V
TEMPERATURE TO DIGITAL CONVERTER CHARACTERISTICS
Resolution
0.25
10
°C
Bits
0°C
≤TA≤+100°C,
0°C
≤TD ≤+100°C,
3V
≤VDD≤3.6V
±2
°C
Remote Sensor Accuracy
6
0°C
≤TA≤+120°C,
-55°C
≤TD ≤+125°C,
3V
≤VDD≤3.6V
±3
°C
Temperature Accuracy using
Internal Diode
7
0°C
≤TA≤+120°C,
3V
≤VDD≤3.6V
±1
±3
°C
High Level
96
µA(max)
External Diode Current Source
IDS
Low Level
6
µA
External Diode Current Ratio
16
ANALOG TO DIGITAL CONVERTER CHARACTERISTICS
Total Unadjusted Error
8
TUE
±2
%(max)
Differential Non-linearity
DNL
1
LSB
Power Supply Sensitivity
±1
%/V
Total Monitoring Cycle Time
9
All Voltage and Temperature
readings
200
250
ms (max)
Input Resistance, all analog
inputs
140
210
400
kΩ
DIGITAL OUTPUT: PWM1, PWM2, PWM3, XTESTOUT
Logic Low Sink Current
IOL
VOL = 0.4V
8
mA (min)
Logic Low Level
VOL
IOUT = +8mA
0.4
V (max)
SMBUS OPEN-DRAIN OUTPUT: SMBDAT
Logic Low Output Voltage
VOL
IOUT = +4mA
0.4
V (max)
High Level Output Current
IOH
VOUT = V+
0.1
10
µA(max)
SMBUS INPUTS: SMBCLK, SMBDAT
Logic Input High Voltage
VIH
2.1
V (min)
Logic Input Low Voltage
VIL
0.8
V (max)
Logic Input Hysteresis Voltage
VHYST
300
mV
DIGITAL INPUTS: ALL
Logic Input High Voltage
VIH
2.1
V (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com