Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
- 20 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Bit
Name
Zone 3 & 4 Assignment [03h]
Value
Data Source
LEG = 0, PECI Processor Temperature 0
000
LEG = 1, Remote 1 Temperature
001
Remote 1 Temperature
010
Remote 2 Temperature
011
Internal Temperature
100
PECI Processor Temperature 0
101
PECI Processor Temperature 1
110
PECI Processor Temperature 2
2:0
Zone 4 Source
111
PECI Processor Temperature 3
3
Reserved
Reserved
Value
Data Source
000
Remote 2 Temperature
001
Remote 1 Temperature
010
Remote 2 Temperature
011
Internal Temperature
100
PECI Processor Temperature 0
101
PECI Processor Temperature 1
110
PECI Processor Temperature 2
6:4
Zone 3 Source
111
PECI Processor Temperature 3
7
Reserved
Reserved
Table 6 Zone 3 & 4 Temperature Reading Assignment [03h]
Bit
Name
Default
Description
3:0
Reserved
0
Reserved
4
PECI One-
Shot Enable
0
0 = Disable PECI One Shot, 1 = Enable PECI One-Shot
5
Reserved
0
Reserved
6
Run/Stop
0
Measurement system run(default) or stop (set to 1),
places aSC7621 in a low-power or standby mode.
7
Reserved
0
Reserved
Table 7 Configuration Register [09h] bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com