Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASC7621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
- 3 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Pin Descriptions
Symbol
Pin
Type
Name and Function/Connection
SMBDAT
1
Digital I/O
(Open-Drain)
System Management Bus Data. Open-drain output. 5V
tolerant, SMBus 2.0 compliant.
SMBCLK
2
Digital Input
System Management Bus Clock. Tied to Open-drain
output. 5V tolerant, SMBus 2.0 compliant.
PECI
7
Digital I/O
Platform Environmental Control Interface (PECI). PECI 1.0
compliant, CPU digital thermometer input
Vtt
8
Analog Input
PECI reference voltage.
3.3V
4
POWER
+3.3V pin. Can be powered by +3.3V Standby power if
monitoring in low power states is required. This pin should
be bypassed with a 0.1
μF capacitor in parallel with 100pF.
A bulk capacitance of approximately 10
μF needs to be in
near vicinity of the aSC7621.
GND
3
GROUND
Ground for all analog and digital circuitry.
5V
20
Analog Input
Analog Input for +5V monitoring.
12V
21
Analog Input
Analog Input for +12V monitoring.
2.5V
22
Analog Input
Analog Input for +2.5V monitoring..
VCCP
23
Analog Input
Analog Input for VCCP (processor voltage) monitoring.
Remote 1+
18
Remote Thermal
Diode Positive
Input
Positive input (current source) from the first remote thermal
diode Serves as the positive input into the A/D. Connected
to THERMDA pin of Pentium processor.
Remote 1-
17
Remote Thermal
Diode Negative
Input
Negative input (current sink) from the first remote thermal
diode Serves as the negative input into the A/D. Connected
to THERMDC pin of Pentium processor.
Remote 2+
16
Remote Thermal
Diode Positive
Output
Positive input (current source) from the second remote
thermal diode Serves as the positive input into the A/D.
Connected to the base of a diode connected MMBT3904
NPN transistor.
Remote 2-
15
Remote Thermal
Diode Negative
Input
Negative input (current sink) from the second remote
thermal diode Serves as the negative input into the A/D.
Connected to the emitter of a diode connected MMBT3904
NPN transistor.
TACH1
11
Digital Input
Input for monitoring tachometer output of fan 1.
TACH2
12
Digital Input
Input for monitoring tachometer output of fan 2.
TACH3
9
Digital Input
Input for monitoring tachometer output of fan 3. During
power-up, if held low through a 10K
Ω resistor, SMBus
address may be selected based on the state of TACH4 pin.
TACH4/AddressSelect
14
Digital Input
Input for monitoring tachometer output of fan 4. If in
Address Select Mode, determines the SMBus address of
aSC7621.
PWM1/XTESTOUT
24
Digital Open-
Drain Output
Fan speed control 1. When in XOR tree test mode,
functions as XOR Tree output.
PWM2
10
Digital Open-
Drain Output
Fan speed control 2.
PWM3/Address Enable
13
Digital Open-
Drain Output
Fan speed control 3. Pull to ground at power on to enable
Address Select Mode (Address Select pin controls SMBus
address of the device).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com