Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
- 13 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
R/W
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
De-
fault
Value
(hex)
28h
R
Tach 1 LS Byte
7
6
5
4
3
2
1
0
FF
29h
R
Tach 1 MS Byte
15
14
13
12
11
10
9
8
FF
2Ah
R
Tach 2 LS Byte
7
6
5
4
3
2
1
0
FF
2Bh
R
Tach 2 MS Byte
15
14
13
12
11
10
9
8
FF
2Ch
R
Tach 3 LS Byte
7
6
5
4
3
2
1
0
FF
2Dh
R
Tach 3 MS Byte
15
14
13
12
11
10
9
8
FF
2Eh
R
Tach 4 LS Byte
7
6
5
4
3
2
1
0
FF
2Fh
R
Tach 4 MS Byte
15
14
13
12
11
10
9
8
FF
30h
R/W
Fan 1 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
31h
R/W
Fan 2 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
32h
R/W
Fan 3 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
33h
R
Zone 4
Temperature
(MS Byte)
9
8
7
6
5
4
3
2
N/A
34h
R/W
Zone 4 Low
Temp
7
6
5
4
3
2
1
0
81h
35h
R/W
Zone 4 High
Temp
7
6
5
4
3
2
1
0
00h
36h
R/W
PECI
Configuration
RES
RES
RES
LEG
DOM
AVG2
AVG1
AVG0
00h
X
38h
R/W
Fan 1 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
X
39h
R/W
Fan 2 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
X
3Ah
R/W
Fan 3 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
X
3Bh
R/W
Zone 4 Fan
Temp Limit
7
6
5
4
3
2
1
0
E0h
X
3Ch
R/W
Zone 4 Range,
Spike
Smoothing
RAN3
RAN2
RAN1
RAN0
ZN4E
ZN4-2
ZN4-1
ZN4-0
C3h
X
3Dh
R/W
Zone 4 Absolute
Temp Limit
7
6
5
4
3
2
1
0
00h
X
3Eh
R
Company ID
7
6
5
4
3
2
1
0
61
3Fh
R
Version/
Stepping
VER3
VER2
VER1
VER0
4WIRE
PECI
STP1
STP0
6C
40h
R/W
Ready/Lock/
Start/Override
RES
RES
SAFE
PECI
OVRID
READY
LOCK
START
00
X
2
41h
R
Interrupt Status
Register 1
ERR
ZN3
ZN2
ZN1
5V
3.3V
VCCP
2.5V
00
42h
R
Interrupt Status
Register 2
ERR2
ERR1
FAN4
FAN3
FAN2
FAN1
ERR
12V
00
43h
R
Interrupt Status
Register 3
ERR
RES
RES
RES
ALOVR
COMM
DATA
ZN4
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com