Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
- 12 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Register Set
R/W
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
De-
fault
Value
(hex)
Fan 3 Zone #
Fan 2 Zone #
Fan 1 Zone #
00h
R
Fan Zone Status
1
0
1
0
1
0
RES
RES
N/A
Zone 1 Source
Zone 2 Source
02h
R/W
Zone 1 & 2
Assignment
RES
2
1
0
RES
2
1
0
00
X
Zone 3 Source
Zone 4 Source
03h
R/W
Zone 3 & 4
Assignment
RES
2
1
0
RES
2
1
0
00
X
04h
R/W
Tach 1
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration 1
Meas
Duration
0
36
X
05h
R/W
Tach 2
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration 1
Meas
Duration
0
36
X
06h
R/W
Tach 3
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration 1
Meas
Duration
0
36
X
07h
R/W
Tach 4
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration 1
Meas
Duration
0
36
X
0Eh
R/W
PECI Extended
Configuration
Four
Domain
Enable
Diode
Filter2
Diode
Filter1
Diode
Filter0
Proc 3
Enable
Proc 2
Enable
Proc 1
Enable
Proc 0
Enable
21
X
10h
R
Zone 1 Temper-
ature (LS Byte)
1
0
X
X
X
X
X
X
N/A
11h
R
3.3V (LS Byte)
1
0
X
X
X
X
X
X
N/A
12h
R
5V (LS Byte)
1
0
X
X
X
X
X
X
N/A
13h
R
2.5V (LS Byte)
1
0
X
X
X
X
X
X
N/A
14h
R
12V (LS Byte)
1
0
X
X
X
X
X
X
N/A
15h
R
Zone 2 Temper-
ature (LS Byte)
1
0
X
X
X
X
X
X
N/A
16h
R
Zone 3 Temper-
ature (LS Byte)
1
0
X
X
X
X
X
X
N/A
17h
R
Zone 4 Temper-
ature (LS Byte)
1
0
X
X
X
X
X
X
N/A
18h
R
Vccp (LS Byte)
1
0
X
X
X
X
X
X
N/A
Alert Assignment
GPIO 1 Function
19h
R/W
GPIO 1
Configuration
RES
RES
1
0
GPIO 1
bit
2
1
0
00
X
GPIO 2 Function
GPIO 3 Function
1Ah
R/W
GPIO 2 & 3
Configuration
GPIO 2
bit
2
1
0
GPIO 3
bit
2
1
0
00
X
1Ch
R/W
Remote 1 offset
7
6
5
4
3
2
1
0
00
X
1Dh
R/W
Remote 2 offset
7
6
5
4
3
2
1
0
00
X
20h
R
2.5V (MS Byte)
7
6
5
4
3
2
1
0
N/A
21h
R
Vccp (MS Byte)
7
6
5
4
3
2
1
0
N/A
22h
R
3.3 V (MS Byte)
7
6
5
4
3
2
1
0
N/A
23h
R
5V (MS Byte)
7
6
5
4
3
2
1
0
N/A
24h
R
12V (MS Byte)
7
6
5
4
3
2
1
0
N/A
25h
R
Zone 1 Temper-
ature (MS Byte)
9
8
7
6
5
4
3
2
N/A
26h
R
Zone 2 Temper-
ature (MS Byte)
9
8
7
6
5
4
3
2
N/A
27h
R
Zone 3 Temper-
ature (MS Byte)
9
8
7
6
5
4
3
2
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com