Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 40Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 41Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 42Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 43Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
- 40 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Temperature
Fan Temp Limit
(2’s Complement)
+50°C
0011
0010
+25°C
0001
1001
0°C
0000
0000
-50°C
1100
1110
-127°C
1000
0001
Table 26 Fan Temperature Limit Register -
8-Bit Two’s Complement
Register 6A-6Ch: Temperature Limit
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock
6Ah
R/W
Zone 1 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Bh
R/W
Zone 2 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Ch
R/W
Zone 3 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
3Dh
R/W
Zone 4 Temp
Absolute Limit
7
6
5
4
3
2
1
0
00
X
In the Auto Fan mode, if a zone exceeds the temperature set in the Absolute Temperature Limit register, all of the PWM
outputs will increase its duty cycle to 100%. This is a safety feature that attempts to cool the system if there is a potentially
catastrophic thermal event. If set to 80h (-128
°C), the feature is disabled. Default = 100 C = 64h. The PWM will remain at
100% until the assigned Temperature Zone falls below the Absolute Temp Limit for that zone by an amount equal to the
hysteresis value for that zone.
These registers become read-only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write
to these registers shall have no effect.
Temperature
Absolute Limit
(2’s Complement)
>127°C
0111
1111
+127°C
0111
1111
+125°C
0111
1101
+100°C (default)
0110
0100
+50°C
0011
0010
+25°C
0001
1001
0°C
0000
0000
-50°C
1100
1110
-127°C
1000
0001
-128°C (Disable)
1000
0000
Table 27 Absolute Temperature Limit Register -
8-Bit Two’s Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com