Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
- 34 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Register 40h: Ready/Lock/Start/Override
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
40h
R/W
Ready/Lock/Start/
Override
RES
RES
SAFE
PECI
OVRID
READY
LOCK
START
00
Bit
Name
R/W
Default
Description
0
START
R/W
0
When software writes a 1 to this bit, the aSC7621 fan monitoring and PWM
output control functions will use the values set in the fan control limit and
parameter registers (addresses 30-32h and 5Fh through 61h). Before this bit
is set, the aSC7621 will not update the used register values, the default values
will remain in effect. Whenever this bit is set to 0, the aSC7621 fan monitoring
and PWM output control functions use the default fan limits and parameters,
regardless of the current values in the limit and parameter registers
(addresses 30-32h and 5Fh through 61h). The aSC7621 will preserve the
values currently stored in the limit and parameter registers when this bit set or
cleared. This bit is not affected by the state of the Lock bit.
It is expected that all limit and parameter registers will be set by BIOS or
application software prior to setting this bit.
1
LOCK
R/W
0
Setting this bit to 1 locks specified limit and parameter registers. WARNING:
Once this bit is set, limit and parameter registers become read-only and will
remain locked until the device is powered off. This register bit becomes
read-only once it is set.
2
READY
R
0
The aSC7621 sets this bit automatically after the part is fully powered up, has
completed the power-up-reset process, and after all A/D converters are
properly functioning.
3
OVRID
R/W
0
If this bit is set to 1, all PWM outputs will go to 100% duty cycle regardless of
whether or not the lock bit is set. The OVRID bit has precedence over the
disabled mode. Therefore, when OVRID is set the PWM will go to 100% even
if the PWM is in the disabled mode.
4
PECI
R/W
0
When software writes a 1 to this bit, support for the monitoring of Processor
temperatures via the PECI interface is enabled. This bit becomes read only
when the LOCK bit is set to 1.
5
SAFE
R/W
0
When software writes a 1 to this bit, it indicates that when operating the fan in
manual mode, the PWM duty cycle will be overridden to 100% when any Zone
exceeds its Absolute Limit. When the bit is set to 0, it indicates that when
operating the fan in manual mode, the PWM duty cycle will not be overridden
to 100% when any Zone exceeds its Absolute Limit.
6-7
RESERVED
R
0
Reserved
Table 18 READY / LOCK / START / OVRID Settings
Register 30-32h: Current PWM Duty Cycle
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
30h
R/W
Fan 1 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
31h
R/W
Fan 2 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
32h
R/W
Fan 3 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
The Current PWM Duty registers store the current duty cycle at each PWM output. At initial power-on, the PWM duty cycle
is 100% and thus, when read, this register will return FFh. After the Ready/Lock/Start/Override register Start bit is set, this
register and the PWM signals will be updated based on the algorithm described in the Auto Fan Control Operating Mode
section. When Ready/Lock/Start/Override register Start bit is zero, default value (FFh) is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com