Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
- 6 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Parameter
Conditions
Min
Typ
Max
Units
Logic Input Low Voltage
VIL
0.8
V (max)
Logic Input Threshold Voltage
VTH
1.5
V
Logic High Input Current
IIH
VIN = V+
0.005
10
µA(max)
Logic Low Input Current
IIL
VIN = GND
-0.005
-10
µA(max)
Digital Input Capacitance
CIN
20
pF
AC Electrical Characteristics
The following specifications apply for VDD = 3.0V to 3.6V unless otherwise specified in conditions. Boldface limits apply for
TA = TJ over TMIN to TMAX; all other limits TA = TJ = 25°C.
Parameter
Conditions
Min
Typ
Max
Units
TACHOMETER
Fan Full-Scale Count
65535
(max)
Fan Counter Clock Frequency
90
kHz
Fan Count Conversion Time
0.3
1.0
sec(max)
FAN PWM OUTPUT
Low-Frequency Range
10
94
Hz
Hz
Frequency Range
High-Frequency Range
23
30
kHz
kHz
Duty-Cycle Range
0 to
100
%(max)
Duty-Cycle Resolution (8-bits)
0.3906
%/count
Spin-Up Time Interval Range
0
4000
ms
ms
Logic Electrical Characteristics
(TA = 25 °C, VDD = 3.3V unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Logic High
VIH
3V
≤VDD≤3.6V
2.1
V
Input Voltage Logic Low
VIL
3V
≤VDD≤3.6V
0.8
V
Input Leakage Current
IIN
VIN = 0V or 5.5V,
0°C
≤TA≤+125°C
±1.0
µA
SMBus Output Sink Current
IOL
TA = 25 °C, VOL = 0.6V
6
mA
SMBus Logic Input Current
IIH, IIL
-1
+1
µA
Output Leakage Current
IOH
VOH = VDD = 5.5V
0.1
1
µA
Output Transition Time
tF
CL= 400pF, IOL = -3mA
250
ns
Input Capacitance
CIN
All Digital Inputs
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com