Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 26Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
- 27 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
revolution. These registers will be updated at least once every second. Common interpretation of tachometer readings is to
take the binary period measurement and convert it to RPM. This may be done by applying the formula:
RPM = (90,000 x 60)/(Decimal Equivalent of binary Tach Reading)
The value, for each fan, is represented by a 16-bit unsigned number.
The Fan Tachometer Reading registers will always return an accurate fan tachometer measurement, even when a fan is
disabled or non-functional, however, if PWM commands for a fan (register 30h to 32h) is zero, tach measurements are
suspended and the last reading may remain in the register.
In the case of a three-wire fan being driven by PWM signal connected to fan power, the PWM output is held high for the
period of the tachometer measurement. This stretching of the PWM will result in an exaggeration of the PWM command at
low RPM. These registers are read-only – a write to these registers has no effect.
When the LS Byte of the aSC7621 16-bit register is read, the other byte (MS Byte) is latched at the current value until it is
read. At the end of the MS Byte read the Fan Tachometer Reading registers are updated. During spin-up, the PWM duty
cycle reported is 0%.
Registers 54-5Bh: Fan Tachometer Limits
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
54h
R/W
Tach 1 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
55h
R/W
Tach 1 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
56h
R/W
Tach 2 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
57h
R/W
Tach 2 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
58h
R/W
Tach 3 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
59h
R/W
Tach 3 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
5Ah
R/W
Tach 4 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
5Bh
R/W
Tach 4 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
The Fan Tachometer Low Limit registers indicate the tachometer reading under which the corresponding bit will be set in the
Interrupt Status Register 2 register. In Auto Fan Control mode, the fan can run at low speeds, so care should be taken in
software to ensure that the limit is high enough not to cause sporadic alerts. The fan tachometer will not cause a bit to be
set in Interrupt Status Register 2 if the current value in Current PWM Duty registers (30h to 32h) is 00h or if the fan is
disabled via the Fan Configuration Register. Interrupts will not be generated for a fan if its minimum is set to FF FFh except
for timeout. Setting the Ready/Lock/Start/Override register Lock bit has no effect on these registers.
Given the relative insignificance of Bit 0 and Bit 1, these bits could be programmed to designate the physical location of the
fan generating the tachometer signal, as follows:
Register Name
Bit 1
Bit 0 (LSB)
CPU Cooler
0
0
Memory Controller
0
1
Chassis Front
1
0
Chassis Rear
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com