Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
- 18 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
A remote diode temperature reading register will return a value of 8000h if the remote diode pins are not used by the board
designer or is not functioning properly. This reading will cause the zone limit bits (bits 4 and 6) in the Interrupt Status
Register (41h) and the remote diode fault status bit (bits 6 and 7) in the Interrupt Status Register 2 (42h) to be set. These
registers are read-only – a write to these registers has no effect.
Digital Output (2’s Complement)
High Byte
Low Byte
Temperature
10-Bit Resolution
Ignore
+125°C
0111
1101
.00
XX
XXXX
+100°C
0110
0100
.00
XX
XXXX
+50°C
0011
0010
.00
XX
XXXX
+25°C
0001
1001
.00
XX
XXXX
+10°C
0000
1010
.00
XX
XXXX
+1.75°C
0000
0001
.11
XX
XXXX
+0.25°C
0000
0000
.01
XX
XXXX
0°C
0000
0000
.00
XX
XXXX
-1.75°C
1111
1110
.01
XX
XXXX
-55°C
1100
1001
.00
XX
XXXX
Table 3 Relationship between Temperature and 2’s Complement Digital Output, -55°C to +125°C
Digital Output (2’s Complement)
High Byte
Low Byte
Temperature
10-Bit Resolution
Ignore
0°C
0000
0000
.0000
00
XX
-0.015625°C
1111
1111
.1111
11
XX
-0.03125°C
1111
1111
.1111
10
XX
-0.0625°C
1111
1111
.1111
00
XX
-0.125°C
1111
1111
.1110
00
XX
-0.25°C
1111
1111
.1100
00
XX
-0.5°C
1111
1111
.1000
00
XX
-1.0°C
1111
1111
.0000
00
XX
-1.75°C
1111
1110
.0100
00
XX
-2.0°C
1111
1110
0000
00
XX
-25.0°C
1110
0111
0000
00
XX
-100°C
1001
1100
0000
00
XX
-127°C
1000
0001
0000
00
XX
Table 4 PECI Temperature Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com