Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
- 22 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Bit
Field
Value
Function
0
PECI Processor 0 disabled
0
Processor 0
Enable
1 (default)
PECI Processor 0 enabled
0 (default)
PECI Processor 1 disabled
1
Processor 1
Enable
1
PECI Processor 1 enabled
0 (default)
PECI Processor 2 disabled
2
Processor 2
Enable
1
PECI Processor 2 enabled
0 (default)
PECI Processor 3 disabled
3
Processor 3
Enable
1
PECI Processor 3 enabled
000
0.25 Sec.
001
1.1 Sec.
010 (default)
2.4 Sec.
011
3.4 Sec.
100
5.0 Sec.
101
6.8 Sec.
110
10.2 Sec.
6:4
Diode Filter
111
16.4 Sec.
0 (default)
1 or 2 Domains for enabled processors
7
Four Domain
Enable
1
3 or 4 Domains for enabled processors
Table 9 PECI Extended Configuration [0Eh]
Register 1Ch and 1Dh: Remote Offset Registers
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
1Ch
R/W
Remote 1 offset
7
6
5
4
3
2
1
0
00
1Dh
R/W
Remote 2 offset
7
6
5
4
3
2
1
0
00
This register provides a means to offset readings from remote diodes to compensate for errors due to system noise or series
resistance. It may also be used to compensate for a difference in temperature between the remote diode and the
temperature of interest once that is characterized by the user. It is in 2’s Complement format with 0.25 degree resolution.
The range is -32 to +31.75
°C and is described in Table 10:
Offset
Temperature
Value[7:0]
+31.75°C
0111
11.11
+31°C
0111
11.10
+1°C
0000
01.00
+0.5°C
0000
00.10
+0.25°C
0000
00.01
0°C
0000
00.00
-0.25°C
1111
11.11
-1°C
1111
11.00
-31°C
1000
01.00
-31.75°C
1000
00.01
-32°C
1000
00.00
Table 10 Offset Temperature Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com