Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 40Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 41Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 42Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 43Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 44Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 45Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 46Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
- 43 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Bit
Field
GPIO Configuration 2 [1Ah]
Value
Function
000 (Default)
GPIO PIN Read only Output drive always set high.
001
Zone 1 Therm Status, pin = 0, Zone 1 exceeds Fan Temp Limit
010
Zone 2 Therm Status, pin = 0, Zone 2 exceeds Fan Temp Limit
011
Zone 3 Therm Status, pin = 0, Zone 3 exceeds Fan Temp Limit
100
Zone 4 Therm Status, pin = 0, Zone 4 exceeds Fan Temp Limit
101
Any Zone Therm Status, pin = 0, Any Zone exceeds Fan Temp Limit
110
GPIO PIN Read only, Output drive always set high.
2-0
GPIO 3
Function
111
GPIO PIN IO Mode, Output drive set to GPIO Reg.Bit 3.
3
GPIO 3 Bit
Read of this bit always returns value of GPIO 3 IO Pin. Write to this function sends
value to GPIO 3 Pin when Function is IO mode.
Value
Function
000 (Default)
GPIO PIN Read only Output drive always set high.
001
Zone 1 Therm Status, pin = 0, Zone 1 exceeds Fan Temp Limit
010
Zone 2 Therm Status, pin = 0, Zone 2 exceeds Fan Temp Limit
011
Zone 3 Therm Status, pin = 0, Zone 3 exceeds Fan Temp Limit
100
Zone 4 Therm Status, pin = 0, Zone 4 exceeds Fan Temp Limit
101
Any Zone Therm Status, pin = 0, Any Zone exceeds Fan Temp Limit
110
GPIO PIN Read only Output drive always set high.
7:4
Alert
Assignment
111
GPIO PIN IO Mode Output drive set to GPIO Reg.Bit 7.
7
GPIO 2 Bit
Read of this bit always returns value of GPIO 2 IO Pin. Write to this function sends
value to GPIO 2 Pin when Function is IO mode.
Table 30 GPIO Configuration 2 [1Ah]
Register 3Eh: Company ID
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
3Eh
R
Company ID
7
6
5
4
3
2
1
0
61
The company ID register contains the company identification number. For Andigilog this is 61h. This number is assigned by
Intel and is a method for uniquely identifying the part manufacturer. This register is read-only – a write to this register has no
effect.
Register 3Fh: Version/Stepping
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
3Fh
R
Version/Stepping
VER3
VER2
VER1
VER0
4WIRE
PECI
STP1
STP0
6C
The two least significant bits of the Version/Stepping register [1:0] contain the current stepping of the aSC7621 silicon. The
four most significant bits [7:4] reflect the aSC7621 base device number when set to a value of 0110b. For the aSC7621, this
register will read 01101100b (6Ch).
The register is used by application software to identify which device in the hardware monitor family has been implemented in
the given system. Based on this information, software can determine which registers to read from and write to. Further,
application software may use the current stepping to implement work-around for bugs found in a specific silicon stepping.
This register is read-only – a write to this register has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com