Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASC7621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
- 2 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Block Diagram
Figure 1 Block Diagram
PWM3/
AddressEnable
GPIO
REGISTER
GPIO1
GPIO2
GPIO3
FAN SPEED
COUNTER
TACH1
TACH2
TACH3
TACH4/
Address
Select
INTERNAL
TEMP
SENSOR
3.3V
5V
12V
2.5V
VCCP
REMOTE 1+
REMOTE 1-
REMOTE 2-
REMOTE 2+
STEPPING
AND DEVICE
ID REGISTERS
ADDRESS
POINTER
REGISTERS
10-bit
ΣΔ-ADC
BANDGAP
REFERENCE
SERIAL BUS
INTERFACE
VOLTAGE FAN
SPEED
TEMPERATURE, AND
LIMIT VALUE
REGISTERS
SMBDAT
SMBCLK
LIMIT
COMPARATORS
STATUS REGISTERS
CONFIGURATION
REGISTERS
SPIKE SMOOTHING
FAN TMIN/TRANGE/
HYST REGISTERS
FAN
CHARACTERISTICS
FAN SPEED CONFIG
REGISTERS
FAN PWM CONTROL
& PWM VALUE
REGISTERS
PWM1
PWM2
INPUT
ATTENUATORS,
EXTERNAL
DIODE SIGNAL
CONDITIONING,
AND
ANALOG
MULTIPLEXER
PECI
INTERFACE
PECI
Vtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com