Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 40Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 41Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
- 38 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
0
10
20
30
40
50
60
1
23
4
56
78
9 10 11 12
Figure 11 Representation of What Temperature Is Passed to the aSC7621 Auto Fan Control with (green)
and without (red dashed) Spike Smoothing
Spike Smoothing
Time
ZNn-[2:0]
35 seconds
000
17.6 seconds
001
11.8 seconds
010
7.0 seconds
011
4.4 seconds
100
3.0 seconds
101
1.6 seconds
110
0.8 seconds
111
Table 23 Spike Smoothing for ZN1 to ZN4
PWM Action
Off/Min Bit
At 0% duty below LIMIT
0
At Min PWM Duty below LIMIT
1
Table 24 PWM Output Below Limit Depending on Value of Off/Min
Register 64-66h: Minimum PWM Duty Cycle
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock
64h
R/W
Fan 1 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
65h
R/W
Fan 2 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
66h
R/W
Fan 3 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
This register specifies the minimum duty cycle that the PWM will output when the measured temperature reaches the
Temperature LIMIT register setting.
This register becomes Read-only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write
to this register shall have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com