Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7621 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
- 14 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
R/W
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
De-
fault
Value
(hex)
44h
R/W
2.5V Low Limit
7
6
5
4
3
2
1
0
00
45h
R/W
2.5V High Limit
7
6
5
4
3
2
1
0
FF
46h
R/W
Vccp Low Limit
7
6
5
4
3
2
1
0
00
47h
R/W
Vccp High Limit
7
6
5
4
3
2
1
0
FF
48h
R/W
3.3V Low Limit
7
6
5
4
3
2
1
0
00
49h
R/W
3.3V High Limit
7
6
5
4
3
2
1
0
FF
4Ah
R/W
5V Low Limit
7
6
5
4
3
2
1
0
00
4Bh
R/W
5V High Limit
7
6
5
4
3
2
1
0
FF
4Ch
R/W
12V Low Limit
7
6
5
4
3
2
1
0
00
4Dh
R/W
12V High Limit
7
6
5
4
3
2
1
0
FF
4Eh
R/W
Zone 1 Low
Temperature
7
6
5
4
3
2
1
0
81
4Fh
R/W
Zone 1 High
Temperature
7
6
5
4
3
2
1
0
7F
50h
R/W
Zone 2 Low
Temperature
7
6
5
4
3
2
1
0
81
51h
R/W
Zone 2 High
Temperature
7
6
5
4
3
2
1
0
7F
52h
R/W
Zone 3 Low
Temperature
7
6
5
4
3
2
1
0
81
53h
R/W
Zone 3 High
Temperature
7
6
5
4
3
2
1
0
7F
54h
R/W
Tach 1 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
55h
R/W
Tach 1 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
56h
R/W
Tach 2 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
57h
R/W
Tach 2 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
58h
R/W
Tach 3 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
59h
R/W
Tach 3 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
5Ah
R/W
Tach 4 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
5Bh
R/W
Tach 4 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
5Ch
R/W
Fan 1
Configuration
ZON2
ZON1
ZON0
INV
ALT
SPIN2
SPIN1
SPIN0
62
X
5Dh
R/W
Fan 2
Configuration
ZON2
ZON1
ZON0
INV
ALT
SPIN2
SPIN1
SPIN0
62
X
5Eh
R/W
Fan 3
Configuration
ZON2
ZON1
ZON0
INV
ALT
SPIN2
SPIN1
SPIN0
62
X
5Fh
R/W
Zone 1 Range/
Fan 1
Frequency
RAN3
RAN2
RAN1
RAN0
HLFRQ
FRQ2
FRQ1
FRQ0
C3
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com