Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0026 Datasheet (PDF) - Texas Instruments

LMH0026 Datasheet PDF - Texas Instruments
Part # LMH0026
Download  LMH0026 Download
File Size   366.06 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0026 SD SDI Reclocker with Dual Differential Outputs

LMH0026 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0026 Datasheet PDF - Texas Instruments

Part # LMH0026
Download  LMH0026 Click to download

File Size   366.06 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0026 SD SDI Reclocker with Dual Differential Outputs

LMH0026 Datasheet (HTML) - Texas Instruments


LMH0026 Product details

1FEATURES
2• Supports SMPTE 259M (C) Serial Digital Video
Standard
• Supports 270 Mbps Serial Data Rate Operation
• Supports DVB-ASI at 270 Mbps
• Single 3.3V Supply Operation
• 330 mW Typical Power Consumption
• Two Differential, Reclocked Outputs
• Choice of Second Reclocked Output or Low-
Jitter, Differential, Data-Rate Clock Output
• Single 27 MHz External Crystal or Reference
Clock Input
• Lock Detect Indicator Output
• Output Mute Function for Data and Clock
• Auto/Manual Reclocker Bypass
• Differential LVPECL Compatible Serial Data
Inputs and Outputs
• LVCMOS Control Inputs and Indicator Outputs
• 20-Pin HTSSOP Package
• Industrial Temperature Range: -40°C to +85°C
• Footprint Compatible with the LMH0046 and
LMH0346

APPLICATIONS
• SDTV Serial Digital Video Interfaces for:
– Digital Video Routers and Switchers
– Digital Video Processing and Editing
Equipment
– DVB-ASI Equipment
– Video Standards and Format Converters

DESCRIPTION
The LMH0026 SD SDI Reclocker retimes serial digital
video data conforming to the SMPTE 259M (C)
standard. The LMH0026 operates at the serial data
rate of 270 Mbps and also supports DVB-ASI
operation at 270 Mbps.
The LMH0026 retimes the incoming data to suppress
accumulated jitter. The LMH0026 recovers the serial
data-rate clock and optionally provides it as an
output. The LMH0026 has two differential serial data
outputs; the second output may be selected as a low-
jitter, data-rate clock output. Controls and indicators
are: serial clock or second serial data output select,
SD indicator output, lock detect output, auto/manual
data bypass, and output mute. The serial data inputs,
outputs, and serial data-rate clock outputs are
differential LVPECL compatible. The CML serial data
and serial data-rate clock outputs are suitable for
driving 100Ω differentially terminated networks. The
control logic inputs and outputs are LVCMOS compatible.
The LMH0026 is powered from a single 3.3V supply.
Power dissipation is typically 330 mW. The device is
housed in a 20-pin HTSSOP package.




Similar Part No. - LMH0026

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
161Kb / 4P
Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0026MH NSC-LMH0026MH Datasheet
313Kb / 12P
SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026MH/NOPB TI1-LMH0026MH/NOPB Datasheet
239Kb / 15P
SD SDI Reclocker with Dual Differential Outputs
More results


Similar Description - LMH0026

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
SD SDI Reclocker with Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
HD/SD SDI Reclocker with Dual Differential Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com