Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9076 Datasheet (PDF) - Gennum Corporation

GS9076 Datasheet PDF - Gennum Corporation
Part # GS9076
Download  GS9076 Download
File Size   458.91 Kbytes
Page   25 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs

GS9076 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9076 Datasheet PDF - Gennum Corporation

Part # GS9076
Download  GS9076 Click to download

File Size   458.91 Kbytes
Page   25 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs

GS9076 Datasheet (HTML) - Gennum Corporation


GS9076 Product details

Description
The GS9076 is an SD-SDI Serial Digital Reclocker designed to automatically recover the embedded clock from a digital video signal and re-time the incoming video data. The device automatically detects and locks to incoming SMPTE 259M-C SDI and DVB-ASI signals at 270Mb/s.

Features
• SMPTE 259M-C compliant
• Automatic lock to SDI and DVB-ASI at 270Mb/s
• 4:1 input multiplexer patented technology
• Choice of dual reclocked data outputs or one data output and one recovered clock output
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• Footprint and drop-in compatible with existing GS2975A designs
• Pb-free and RoHS Compliant
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

Applications
• SMPTE 259M-C Serial Digital Interfaces




Similar Part No. - GS9076

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
SD-SDI Automatic Reclocker
More results


Similar Description - GS9076

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS2975A GENNUM-GS2975A Datasheet
1,005Kb / 27P
HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
SD SDI Reclocker with Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
HD/SD SDI Reclocker with Dual Differential Outputs
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com