Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9076 Datasheet (PDF) - Semtech Corporation

GS9076 Datasheet PDF - Semtech Corporation
Part # GS9076
Download  GS9076 Download
File Size   464.67 Kbytes
Page   25 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SD-SDI Automatic Reclocker

GS9076 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9076 Datasheet PDF - Semtech Corporation

Part # GS9076
Download  GS9076 Click to download

File Size   464.67 Kbytes
Page   25 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SD-SDI Automatic Reclocker

GS9076 Datasheet (HTML) - Semtech Corporation


GS9076 Product details

Description
The GS9076 is an SD-SDI Serial Digital Reclocker designed to automatically recover the embedded clock from a digital video signal and re-time the incoming video data. The device automatically detects and locks to incoming SMPTE 259M-C SDI and DVB-ASI signals at 270Mb/s.

Features
• SMPTE 259M-C compliant
• Automatic lock to SDI and DVB-ASI at 270Mb/s
• 4:1 input multiplexer patented technology
• Choice of dual reclocked data outputs or one data output and one recovered clock output
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• Footprint and drop-in compatible with existing GS2975A designs
• Pb-free and RoHS Compliant
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

Applications
• SMPTE 259M-C Serial Digital Interfaces




Similar Part No. - GS9076

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
GS9076-CNE3 GENNUM-GS9076-CNE3 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
More results


Similar Description - GS9076

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
HD/SD SDI Reclocker With Dual Differential Outputs
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
SD SDI Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
SD/HD SDI Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com