Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9075B Datasheet (PDF) - Semtech Corporation

GS9075B Datasheet PDF - Semtech Corporation
Part # GS9075B
Download  GS9075B Download
File Size   1069.82 Kbytes
Page   28 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Multi-Rate SDI Automatic Reclocker

GS9075B Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9075B Datasheet PDF - Semtech Corporation

Part # GS9075B
Download  GS9075B Click to download

File Size   1069.82 Kbytes
Page   28 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Multi-Rate SDI Automatic Reclocker

GS9075B Datasheet (HTML) - Semtech Corporation


GS9075B Product details

Description
The GS1575B/9075B is a Multi-Rate Serial Digital Reclocker designed to automatically recover the embedded clock from a digital video signal and re-time the incoming video data.
The GS1575B Serial Digital Reclocker will recover the embedded clock signal and re-time the data from a SMPTE 292M, SMPTE 259M or SMPTE 344M compliant digital video signal.

Features
GS1575B
• SMPTE 292M, 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, 540, 1483.5, 1485 Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• SD/HD indication output to control GS1528A Dual Slew-Rate Cable Driver
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

GS9075B
• SMPTE 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, and 540Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

Applications
GS1575B
• SMPTE 292M, SMPTE 259M and SMPTE 344M Serial Digital Interfaces

GS9075B
• SMPTE 259M and SMPTE 344M Serial Digital Interfaces.




Similar Part No. - GS9075B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9075B GENNUM-GS9075B Datasheet
1Mb / 28P
Lock Detect Output
More results


Similar Description - GS9075B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
SD-SDI Automatic Reclocker
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com