Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0036 Datasheet (PDF) - Texas Instruments

LMH0036 Datasheet PDF - Texas Instruments
Part # LMH0036
Download  LMH0036 Download
File Size   442.54 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0036 SD SDI Reclocker with 4:1 Input Multiplexer

LMH0036 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0036 Datasheet PDF - Texas Instruments

Part # LMH0036
Download  LMH0036 Click to download

File Size   442.54 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0036 SD SDI Reclocker with 4:1 Input Multiplexer

LMH0036 Datasheet (HTML) - Texas Instruments


LMH0036 Product details

1FEATURES
2• Supports SMPTE 259M (C) Serial Digital Video
Standard
• Supports 270 Mbps Serial Data Rate Operation
• Supports DVB-ASI at 270 Mbps
• Single 3.3V Supply Operation
• 360 mW Typical Power Consumption
• Integrated 4:1 Multiplexed Input
• Two Differential, Reclocked Outputs
• Choice of Second Reclocked Output or Low-
Jitter, Differential, Data-Rate Clock Output
• Single 27 MHz External Crystal or Reference
Clock Input
• Lock Detect Indicator Output
• Output Mute Function for Data and Clock
• Auto/Manual Reclocker Bypass
• Differential LVPECL Compatible Serial Data
Inputs and Outputs
• LVCMOS Control Inputs and Indicator Outputs
• 48-Pin WQFN Package
• Industrial Temperature Range: -40°C to +85°C
• Footprint Compatible with the LMH0056 and
LMH0356

APPLICATIONS
• SDTV Serial Digital Video Interfaces for:
– Digital Video Routers and Switchers
– Digital Video Processing and Editing
Equipment
– DVB-ASI Equipment
– Video Standards and Format Converters

DESCRIPTION
The LMH0036 SD SDI Reclocker with 4:1 Input Multiplexer retimes serial digital video data
conforming to the SMPTE 259M (C) standard. The
LMH0036 operates at the serial data rate of 270
Mbps, and also supports DVB-ASI operation at 270
Mbps. The LMH0036 includes an integrated 4:1 input
multiplexer for selecting one of four input data
streams for retiming.
The LMH0036 retimes the incoming data to suppress
accumulated jitter. The LMH0036 recovers the serial
data-rate clock and optionally provides it as an
output. The LMH0036 has two differential serial data
outputs; the second output may be selected as a lowjitter,
data-rate clock output. Controls and indicators
are: serial clock or second serial data output select,
manual rate select input, SD indicator output, lock
detect output, auto/manual data bypass, and output
mute. The serial data inputs, outputs, and serial datarate
clock outputs are differential LVPECL
compatible. The CML serial data and serial data-rate
clock outputs are suitable for driving 100Ω
differentially terminated networks. The control logic
inputs and outputs are LVCMOS compatible.
The LMH0036 is powered from a single 3.3V supply.
Power dissipation is typically 360 mW. The device is
housed in a 48-pin WQFN package.




Similar Part No. - LMH0036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0036 TI1-LMH0036 Datasheet
783Kb / 19P
SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0036SQ NSC-LMH0036SQ Datasheet
319Kb / 14P
SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0036SQE/NOPB TI1-LMH0036SQE/NOPB Datasheet
783Kb / 19P
SD SDI Reclocker with 4:1 Input Multiplexer
More results


Similar Description - LMH0036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0036 TI1-LMH0036 Datasheet
783Kb / 19P
SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
SD/HD SDI Reclocker
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
SD-SDI Automatic Reclocker
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com