Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3091-C2 Datasheet (PDF) - TT Electronics.

SW3091-C2 Datasheet PDF - TT Electronics.
Part # SW3091-C2
Download  SW3091-C2 Download
File Size   264.74 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 15VDC 15WATT

SW3091-C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW3091-C2 Datasheet PDF - TT Electronics.

Part # SW3091-C2
Download  SW3091-C2 Click to download

File Size   264.74 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 15VDC 15WATT

SW3091-C2 Datasheet (HTML) - TT Electronics.


SW3091-C2 Product details

Features:
• United Kingdom Fixed AC Head
• 1 Year Warranty
• Level VI Efficiency
• CE Approved
Description:
Our Range of Class II 15watt AC/DC United Kingdom plug-in power supplies provide 15 watts of continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.




Similar Part No. - SW3091-C2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3090-C2 TTELEC-SW3090-C2 Datasheet
361Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 15WATT
23/06/2020
logo
Power PAX UK
SW3092 POWERPAX-SW3092 Datasheet
879Kb / 1P
ADAPTER-18W
logo
TT Electronics.
SW3092-C2 TTELEC-SW3092-C2 Datasheet
323Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 24VDC 18WATT
23/06/2020
More results


Similar Description - SW3091-C2

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com