Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3091-C2 Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3091-C2
Description  UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 15VDC 15WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3091-C2 Datasheet(HTML) 1 Page - TT Electronics.

  SW3091-C2 Datasheet HTML 1Page - TT Electronics. SW3091-C2 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNITED KINGDOM 3-PIN PLUG-IN
POWER SUPPLY 15VDC 15WATT
POWERPAX: SW3091-C2
© TT Electronics plc
ISS.3 23/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
United Kingdom Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 15watt AC/DC United Kingdom plug-in power supplies provide 15 watts of continuous power in a
compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW3091-C2
Input Voltage Range
90-264Vac
Input Frequency Range
50-60Hz
Input Current Rated
0.5A Max
Output Voltage Rating
15V
Output Current Range
1A
Output Min Current
0A
Output Connection Type
2.1x5.5x12mm Centre Positive – Straight
Total Output Regulation
+/- 5%
Line and Load Regulation
+/- 5%
Ripple & Noise
150 mVp-p
Efficiency
84.5% Min
Over Voltage Protection
25Vdc Max
Over Load Protection
2.5A max with auto-recovery function
Operating Temperature
0°C to 40°C
Storage Temperature
-20°C to +60°C
Operating Humidity
20% to 85%
Storage Humidity
5% to 95%
Hi-Pot
3000 Vac, 5mA, 1 min.
Leakage Current
0.25mA max
Safety Standard
Meet T-LICENSE(BS EN60950-1)
EMI Standard
Meet CE(EN55022)
MTBF
50K hours
Size mm max.
85.50 (L) X 50.7(W) 31.70(H)
Weight
130g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3091-C2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3090-C2 TTELEC-SW3090-C2 Datasheet
361Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 15WATT
23/06/2020
logo
Power PAX UK
SW3092 POWERPAX-SW3092 Datasheet
879Kb / 1P
ADAPTER-18W
logo
TT Electronics.
SW3092-C2 TTELEC-SW3092-C2 Datasheet
323Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 24VDC 18WATT
23/06/2020
More results

Similar Description - SW3091-C2

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com